Electronic Components Datasheet Search
  English  ▼

X  

LM3103 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3103
Description  LM3103 Synchronous 1-MHz 0.75-A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3103 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3103 Datasheet HTML 8Page - Texas Instruments LM3103 Datasheet HTML 9Page - Texas Instruments LM3103 Datasheet HTML 10Page - Texas Instruments LM3103 Datasheet HTML 11Page - Texas Instruments LM3103 Datasheet HTML 12Page - Texas Instruments LM3103 Datasheet HTML 13Page - Texas Instruments LM3103 Datasheet HTML 14Page - Texas Instruments LM3103 Datasheet HTML 15Page - Texas Instruments LM3103 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ILR =
L
(VIN - VOUT) x ton
fSW(MAX) =
VOUT
VIN(MAX) x 100 ns
12
LM3103
SNVS523G – SEPTEMBER 2007 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: LM3103
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
Feature Description (continued)
The inverse relationship of ton and VIN gives a nearly constant frequency as VIN is varied. RON should be selected
such that the on-time at maximum VIN is greater than 100 ns. The on-timer has a limiter to ensure a minimum of
100 ns for ton. This limits the maximum operating frequency, which is governed by the following equation:
(5)
The LM3103 can be remotely shut down by pulling the voltage of the EN pin below 1.6 V. In this shutdown mode,
the SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the EN pin
allows normal operation to resume because the EN pin is internally pulled up.
Figure 19. Shutdown Implementation
7.2.7 Current Limit
Current limit detection is carried out during the off-time by monitoring the re-circulating current through the
synchronous MOSFET. Referring to the Functional Block Diagram, when the main MOSFET is turned off, the
inductor current flows through the load, the PGND pin and the internal synchronous MOSFET. If this current
exceeds 0.9 A, the current limit comparator toggles, and as a result the start of the next on-time period is
disabled. The next switching cycle starts when the re-circulating current falls back below 0.9 A (and the voltage
at the FB pin is below 0.6 V). The inductor current is monitored during the on-time of the synchronous MOSFET.
As long as the inductor current exceeds 0.9 A, the main MOSFET will remain inhibited to achieve current limit.
The operating frequency is lower during current limit owing to a longer off-time.
Figure 20 illustrates an inductor current waveform. On average, the output current IOUT is the same as the
inductor current IL, which is the average of the rippled inductor current. In case of current limit (the current limit
portion of Figure 20), the next on-time will not initiate until that the current drops below 0.9 A (assume the voltage
at the FB pin is lower than 0.6 V). During each on-time the current ramps up an amount equal to:
(6)
During current limit, the LM3103 operates in a constant current mode with an average output current IOUT(CL)
equal to 0.9 A + ILR / 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com