Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM119
Description  LMx19 High Speed Dual Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM119 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM119 Datasheet HTML 15Page - Texas Instruments LM119 Datasheet HTML 16Page - Texas Instruments LM119 Datasheet HTML 17Page - Texas Instruments LM119 Datasheet HTML 18Page - Texas Instruments LM119 Datasheet HTML 19Page - Texas Instruments LM119 Datasheet HTML 20Page - Texas Instruments LM119 Datasheet HTML 21Page - Texas Instruments LM119 Datasheet HTML 22Page - Texas Instruments LM119 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
9X 0.07 MAX
ALL AROUND
(
5.84)
(
1.4)
9X (
1.4)
METAL
10X (
0.8)
VIA
(R0.05)
TYP
(36 ) TYP
TO-CAN - 5.72 mm max height
LME0010A
TRANSISTOR OUTLINE
4220604/B 09/2024
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE: 12X
9X SOLDER MASK
OPENING
SOLDER MASK
OPENING
METAL
1
2
3
4
5
6
7
10
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com