Electronic Components Datasheet Search
  English  ▼

X  

LM810 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM810
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM810 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM810 Datasheet HTML 4Page - Texas Instruments LM810 Datasheet HTML 5Page - Texas Instruments LM810 Datasheet HTML 6Page - Texas Instruments LM810 Datasheet HTML 7Page - Texas Instruments LM810 Datasheet HTML 8Page - Texas Instruments LM810 Datasheet HTML 9Page - Texas Instruments LM810 Datasheet HTML 10Page - Texas Instruments LM810 Datasheet HTML 11Page - Texas Instruments LM810 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1
10
100
1000
240
160
80
0
Reset Comparator Overdrive (ms)
320
400
560
480
V
CC
RESET
GND
LM809
R1
100 k
8
LM809, LM810
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7.3.1.1 Ensuring a Valid Reset Output Down to VCC = 0 V
When VCC falls below 1 V, the LM809 RESET output no longer sinks current. A high-impedance CMOS logic
input connected to RESET can therefore drift to undetermined voltages. To prevent this situation, a 100-k
Ω
resistor should be connected from the RESET output to ground, as shown in Figure 7.
A 100-k
Ω pullup resistor to VCC is also recommended for the LM810, if RESET is required to remain valid for VCC
< 1 V.
Figure 7. RESET Valid to VCC = Ground Circuit
7.3.1.2 Negative-Going VCC Transients
The LM809 and LM810 are relatively immune to short negative-going transients or glitches on VCC. Figure 8
shows the maximum pulse width a negative-going VCC transient can have without causing a reset pulse. In
general, as the magnitude of the transient increases, going further below the threshold, the maximum allowable
pulse width decreases. Typically, for the 4.63-V and 4.38-V version of the LM809 or LM810, a VCC transient that
goes 100 mV below the reset threshold and lasts 20 µs or less will not cause a reset pulse. A 0.1-µF bypass
capacitor mounted as close as possible to the VCC pin will provide additional transient rejection.
Figure 8. Maximum Transient Duration without Causing a Reset Pulse vs Reset Comparator Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com