Electronic Components Datasheet Search
  English  ▼

X  

LM285 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM285
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM285 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM285 Datasheet HTML 15Page - Texas Instruments LM285 Datasheet HTML 16Page - Texas Instruments LM285 Datasheet HTML 17Page - Texas Instruments LM285 Datasheet HTML 18Page - Texas Instruments LM285 Datasheet HTML 19Page - Texas Instruments LM285 Datasheet HTML 20Page - Texas Instruments LM285 Datasheet HTML 21Page - Texas Instruments LM285 Datasheet HTML 22Page - Texas Instruments LM285 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
1.22
0.72
45
(
2.54)
1.16
0.92
4.95
4.55
0.76 MAX
2.67 MAX
UNCONTROLLED LEAD DIA
0.64 MAX
(MIL/AERO)
1.397 MAX
(COMMERCIAL)
3X
12.7 MIN
3X
0.483
0.407
5.32-5.56
TO-CAN - 2.67 mm max height
NDV0003H
TRANSISTOR OUTLINE
4219876/B 09/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-46.
1
2
3
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com