Electronic Components Datasheet Search
  English  ▼

X  

BY296 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # BY296
Description  CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY296 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  BY296 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY296 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
0.4
0
0.8
1.6
VF INSTANTANEOUS FORWARD VOLTAGE DROP (V)
10
10
2
3
4
10
10
1
T
j=25℃
+VF-
IF
FIG.3-TYPICAL THERMAL IMPEDANCE
typ
ma
x
I,LEAD LENGTH (MM)
0
30
40
20
50
10
20
30
25
5
10
15
l
l
FIG.4-TYPICAL JUNCTION CAPACITANCE
VR REVERSE VOLTAGE (V)
1
1000
100
10
T
j=25℃
f=1MHz
12
10
4
2
8
6
20
18
16
14
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
C-Load
R-Load
10mm
10mm
TA, AMBIENT TEMPERATURE( ℃)
125
0
25
150
100
75
50
175
0
1.6
2
1.5
1
0.5
2.5
RATINGS AND CHARACTERISTIC CURVES BY296 THRU BY299S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com