Electronic Components Datasheet Search
  English  ▼

X  

TOP222YN Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TOP222YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222YN Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TOP222YN Datasheet HTML 1Page - Power Integrations, Inc. TOP222YN Datasheet HTML 2Page - Power Integrations, Inc. TOP222YN Datasheet HTML 3Page - Power Integrations, Inc. TOP222YN Datasheet HTML 4Page - Power Integrations, Inc. TOP222YN Datasheet HTML 5Page - Power Integrations, Inc. TOP222YN Datasheet HTML 6Page - Power Integrations, Inc. TOP222YN Datasheet HTML 7Page - Power Integrations, Inc. TOP222YN Datasheet HTML 8Page - Power Integrations, Inc. TOP222YN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. G 08/16
2
TOP221-227
www.power.com
Figure 2. Functional Block Diagram.
Pin Functional Description
DRAIN Pin:
Output MOSFET drain connection. Provides internal bias
current during start-up operation via an internal switched
high-voltage current source. Internal current sense point.
CONTROL Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide inter-
nal bias current during normal operation. It is also used as
the connection point for the supply bypass and auto-restart/
compensation capacitor.
SOURCE Pin:
YN package – Output MOSFET source connection for high
voltage power return. Primary side circuit
common and reference point.
PN and GN package – Primary-side control circuit common
and reference point.
SOURCE (HV RTN) Pin: (P and G package only)
Output MOSFET source connection for high voltage power
return.
PI-1935-091696
SHUTDOWN/
AUTO-RESTART
PWM
COMPARATOR
CLOCK
SAW
OSCILLATOR
CONTROLLED
TURN-ON
GATE
DRIVER
INTERNAL
SUPPLY
5.7 V
4.7 V
SOURCE
S
R
Q
Q
DMAX
-
+
CONTROL
-
+
5.7 V
IFB
RE
ZC
VC
MINIMUM
ON-TIME
DELAY
+
-
VILIMIT
LEADING
EDGE
BLANKING
POWER-UP
RESET
S
R
Q
Q
∏ 8
0
1
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN
PI-2084-040401
CONTROL
DRAIN
SOURCE
Y Package (TO-220/3)
Tab Internally
Connected to SOURCE Pin
C
S
S
S (HV RTN)
S (HV RTN)
S (HV RTN)
D
S
P Package (DIP-8)
G Package (SMD-8)
8
5
7
1
4
2
2
6
Figure 3. Pin Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com