Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # BZX84
Description  300mW SOT-23 ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BZX84 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  BZX84 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BZX84 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BZX84 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX84 SERIES
300mW SOT-23
ZENER DIODES
B ZX84-C 1V 8
T B D
1.70
2.00
5
B ZX84-C 2V 0
T B D
1.90
2.20
5
B ZX84-C 2V 2
T B D
2.10
2.40
5
B ZX84-C 2V 4
Z11
2.20
2.60
5
B ZX84-C 2V 7
Z12
2.50
2.90
5
B ZX84-C 3
Z13
2.80
3.20
5
B ZX84-C 3V 3
Z14
3.10
3.50
5
B ZX84-C 3V 6
Z15
3.40
3.80
5
B ZX84-C 3V 9
Z16
3.70
4.10
5
B ZX84-C 4V 3
Z17
4.00
4.60
5
B ZX84-C 4V 7
Z1
4.40
5.00
5
B ZX84-C 5V 1
Z2
4.80
5.40
5
B ZX84-C 5V 6
Z3
5.20
6.00
5
B ZX84-C 6V 2
Z4
5.80
6.60
5
B ZX84-C 6V 8
Z5
6.40
7.20
5
B ZX84-C 7V 5
Z6
7.00
7.90
5
B ZX84-C 8V 2
Z7
7.70
8.70
5
B ZX84-C 9V 1
Z8
8.50
9.60
5
B ZX84-C 10
Z9
9.4
10.6
5
B ZX84-C 11
Y 1
10.4
11.6
5
B ZX84-C 12
Y 2
11.4
12.7
5
B ZX84-C 13
Y 3
12.4
14.1
5
B ZX84-C 15
Y 4
13.8
15.6
5
B ZX84-C 16
Y 5
15.3
17.1
5
B ZX84-C 18
Y 6
16.8
19.1
5
B ZX84-C 20
Y 7
18.8
21.2
5
B ZX84-C 22
Y 8
20.8
23.3
5
B ZX84-C 24
Y 9
22.8
25.6
5
B ZX84-C 27
Y 10
25.1
28.9
2
B ZX84-C 30
Y 11
28.0
32.0
2
B ZX84-C 33
Y 12
31.0
35.0
2
B ZX84-C 36
Y 13
34.0
38.0
2
B ZX84-C 39
Y 14
37.0
41.0
2
B ZX84-C 43
Y 15
40.0
46.0
2
B ZX84-C 47
Y 16
44.0
50.0
2
B ZX84-C 51
Y 17
48.0
54.0
2
B ZX84-C 56
Y 18
52.0
60.0
2
B ZX84-C 62
Y 19
58.0
66.0
2
B ZX84-C 68
Y 20
64.0
72.0
2
B ZX84-C 75
Y 21
70.0
79.0
2
B ZX84-B 1V 8
T B D
1.80
1.90
5
B ZX84-B 2V 0
T B D
2.01
2.09
5
B ZX84-B 2V 2
T B D
2.21
2.30
5
B ZX84-B 2V 4
Z50
2.35
2.45
5
B ZX84-B 2V 7
Z51
2.65
2.75
5
B ZX84-B 3
Z52
2.94
3.06
5
B ZX84-B 3V 3
Z53
3.23
3.37
5
B ZX84-B 3V 6
Z54
3.53
3.67
5
B ZX84-B 3V 9
Z55
3.82
3.98
5
B ZX84-B 4V 3
Z56
4.21
4.39
5
B ZX84-B 4V 7
Z57
4.61
4.79
5
B ZX84-B 5V 1
Z58
5.00
5.20
5
B ZX84-B 5V 6
Z59
5.49
5.71
5
B ZX84-B 6V 2
Z60
6.08
6.32
5
B ZX84-B 6V 8
Z61
6.66
6.94
5
B ZX84-B 7V 5
Z62
7.35
7.65
5
B ZX84-B 8V 2
Z63
8.04
8.36
5
B ZX84-B 9V 1
Z64
8.92
9.28
5
B ZX84-B 10
Z65
9.80
10.2
5
B ZX84-B 11
Z66
10.8
11.2
5
B ZX84-B 12
Z67
11.8
12.2
5
B ZX84-B 13
Z68
12.7
13.3
5
B ZX84-B 15
Z69
14.7
15.3
5
B ZX84-B 16
Z70
15.7
16.3
5
B ZX84-B 18
Z71
17.6
18.4
5
B ZX84-B 20
Z72
19.6
20.4
5
B ZX84-B 22
Z73
21.6
22.4
5
B ZX84-B 24
Z74
23.5
24.5
5
B ZX84-B 27
Z75
26.5
27.5
2
B ZX84-B 30
Z76
29.4
30.6
2
B ZX84-B 33
Z77
32.3
33.7
2
B ZX84-B 36
Z78
35.3
36.7
2
B ZX84-B 39
Z79
38.2
39.8
2
B ZX84-B 43
Z80
42.1
43.9
2
B ZX84-B 47
Z81
46.1
47.9
2
B ZX84-B 51
Z82
50.0
52.0
2
B ZX84-B 56
Z83
54.9
57.1
2
B ZX84-B 62
Z84
60.8
63.2
2
B ZX84-B 68
Z85
66.6
69.4
2
B ZX84-B 75
Z86
73.5
76.5
2
Type
± 5% Tol.
Zener Voltage
range(1) at IZT1
VZ (V)
min.
max.
Tes t C urrent
IZT1 (mA )
Notes : (1) Measured with pulses tp = 5 ms
E lectrical C haracteris tics (TA = 25℃ unless otherwise noted) Maximum VF = 0.9V at IF = 10mA
Marking
C ode
Type
± 2% Tol.
Zener Voltage
range(1) at IZT1
VZ (V)
min.
max.
Tes t C urrent
IZT1 (mA )
Marking
C ode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com