Electronic Components Datasheet Search
  English  ▼

X  

MAX16141 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16141
Description  3.5V to 36V Ideal Diode Controller with Voltage and Current Circuit Breaker
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16141 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16141 Datasheet HTML 1Page - Maxim Integrated Products MAX16141 Datasheet HTML 2Page - Maxim Integrated Products MAX16141 Datasheet HTML 3Page - Maxim Integrated Products MAX16141 Datasheet HTML 4Page - Maxim Integrated Products MAX16141 Datasheet HTML 5Page - Maxim Integrated Products MAX16141 Datasheet HTML 6Page - Maxim Integrated Products MAX16141 Datasheet HTML 7Page - Maxim Integrated Products MAX16141 Datasheet HTML 8Page - Maxim Integrated Products MAX16141 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VIN = 12V, CGATE-SRC = 7nF, CVCC = 0.33μF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All
specs are subject to change.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN and VCC
Operating range
3.5
36
V
Input Protection Voltage
Range
VIN
-36
+60
V
INPUT SUPPLY CURRENT
Input Supply Current
IIN
VSHDN = high, VIN = VSRC = VOUT = 12V
2.0
3.8
mA
Input Suplly Current
IIN
VSHDN = high, VIN = VSRC = VOUT = 36V
2.1
4.0
mA
Input Supply Current
IIN
VSHDN = low, VIN = 12V
5
10
μA
VSHDN = low, VIN = 36V
6
15
Sleep Mode Supply
Current
ISLEEP
Internal PFET on, charge pump off
10
15
μA
SRC Input Current
ISRC
VIN = 12V, SHDN = high
1
2
mA
Undervoltage Lockout
UVLO
VIN rising
3.3
V
OVSET/UVSET Input
Current
100
nA
OVSET/UVSET
Threshold
VIN rising
0.485
0.5
0.515
V
OVSET Threshold
Hysteresis
VOV_HYS
OTP configuration-dependent
0.05 x
VOV_TH
V
UVSET Thresnhold
Hysteresis
VUV_HYS
OTP configuration-dependent
0.05 x
VUV_TH
V
TERM On-Resistance
RTERM
0.7
1.3
kΩ
Startup Response Time
tSU
450
μs
OVSET to GATE Prop
Delay
VOVSET rising from (VTH_OV - 100mV) to
(VTH_OV + 100mV)
10
μs
UVSET to Gate Prop
Delay
VUVSET falling from (VUV_TH + 100mV) to
(VUV_TH - 100mV)
20
μs
OVSET to FAULT Prop
Delay
tOV
VOVSET rising from (VOV_TH - 100mV) to
(VOV_TH + 100mV)
0.3
μs
GATE OUTPUT VOLTAGE
GATE Output Voltage
High Above VSRC
VGS
VIN = VSRC = VOUT = 3.5V, IGATE = -1μA
5
6.3
8
V
VIN = VSRC = VOUT = 12V, IGATE = -1μA
8
9
11
VIN = VSRC = VOUT = 24V, IGATE = -1µA
7
8.5
11
VIN = VSRC = VOUT = 36V, IGATE = -1µA
6.25
8
11
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX16141
3.5V to 36V Ideal Diode Controller
with Voltage and Current Circuit Breaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com