Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise® Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20123 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 8Page - Texas Instruments LM20123 Datasheet HTML 9Page - Texas Instruments LM20123 Datasheet HTML 10Page - Texas Instruments LM20123 Datasheet HTML 11Page - Texas Instruments LM20123 Datasheet HTML 12Page - Texas Instruments LM20123 Datasheet HTML 13Page - Texas Instruments LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Time (s)
Discontinuous Conduction Mode (DCM)
IPeak
Time (s)
Time (s)
Time (s)
Time (s)
Discontinuous Conduction Mode (DCM)
DCM - CCM Boundary
Continuous Conduction Mode (CCM)
Continuous Conduction Mode (CCM)
VIN
IAVERAGE
IAVERAGE
VIN
LM20123
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Figure 24. Modes of Operation for LM20123
Design Guide
This section walks the designer through the steps necessary to select the external components to build a fully
functional power supply. As with any DC-DC converter numerous trade-offs are possible to optimize the design
for efficiency, size, or performance. These will be taken into account and highlighted throughout this discussion.
To facilitate component selection discussions the circuit shown in Figure 25 below may be used as a reference.
Unless otherwise indicated all formulas assume units of amps (A) for current, farads (F) for capacitance, henries
(H) for inductance and volts (V) for voltages.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com