Electronic Components Datasheet Search
  English  ▼

X  

LM3648 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3648
Description  LM3648 Synchronous Boost LED Flash Driver with 1.5-A High-Side Current Source
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3648 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3648 Datasheet HTML 9Page - Texas Instruments LM3648 Datasheet HTML 10Page - Texas Instruments LM3648 Datasheet HTML 11Page - Texas Instruments LM3648 Datasheet HTML 12Page - Texas Instruments LM3648 Datasheet HTML 13Page - Texas Instruments LM3648 Datasheet HTML 14Page - Texas Instruments LM3648 Datasheet HTML 15Page - Texas Instruments LM3648 Datasheet HTML 16Page - Texas Instruments LM3648 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VOUT
STROBE
ILED
13
LM3648, LM3648TT
www.ti.com
SNVSA68D – OCTOBER 2014 – REVISED NOVEMBER 2016
Product Folder Links: LM3648 LM3648TT
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 24. IR Mode Timeout
7.4 Device Functioning Modes
7.4.1 Start-Up (Enabling The Device)
Turnon of the LM3648 Torch and Flash modes can be done through the Enable Register. On start-up, when
VOUT is less than VIN the internal synchronous PFET turns on as a current source and delivers 200 mA (typ.) to
the output capacitor. During this time the current source (LED) is off. When the voltage across the output
capacitor reaches 2.2 V (typ.), the current source turns on. At turnon the current source steps through each
FLASH or TORCH level until the target LED current is reached. This gives the device a controlled turnon and
limits inrush current from the VIN supply.
7.4.2 Pass Mode
The LM3648 starts up in Pass Mode and stays there until Boost Mode is needed to maintain regulation. If the
voltage difference between VOUT and VLED falls below VHR, the device switches to Boost Mode. In Pass Mode the
boost converter does not switch, and the synchronous PFET turns fully on bringing VOUT up to VIN − ILED ×
RPMOS. In Pass Mode the inductor current is not limited by the peak current limit.
7.4.3 Power Amplifier Synchronization (TX)
The TX pin is a Power Amplifier Synchronization input. This is designed to reduce the flash LED current and thus
limit the battery current during high battery current conditions such as PA transmit events. When the LM3648 is
engaged in a Flash event, and the TX pin is pulled high, the LED current is forced into Torch Mode at the
programmed Torch current setting. If the TX pin is then pulled low before the Flash pulse terminates, the LED
current returns to the previous Flash current level. At the end of the Flash time-out, whether the TX pin is high or
low, the LED current turns off.
7.4.4 Input Voltage Flash Monitor (IVFM)
The LM3648 has the ability to adjust the flash current based upon the voltage level present at the IN pin utilizing
the Input Voltage Flash Monitor (IVFM). The adjustable threshold IVFM-D ranges from 2.9 V to 3.6 V in 100-mV
steps, with three different usage modes (Stop and Hold, Adjust Down Only, Adjust Up and Down). The Flags2
Register has the IVFM flag bit set when the input voltage crosses the IVFM-D value. Additionally, the IVFM-D
threshold sets the input voltage boundary that forces the LM3648 to either stop ramping the flash current during
start-up (Stop and Hold Mode) or to start decreasing the LED current during the flash (Down Adjust Only and Up
and Down Adjust). In Adjust Up and Down mode, the IVFM-D value plus the hysteresis voltage threshold set the
input voltage boundary that forces the LM3648 to start ramping the flash current back up towards the target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com