Electronic Components Datasheet Search
  English  ▼

X  

LM4876 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4876
Description  LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4876 Datasheet(HTML) 2 Page - Texas Instruments

  LM4876 Datasheet HTML 1Page - Texas Instruments LM4876 Datasheet HTML 2Page - Texas Instruments LM4876 Datasheet HTML 3Page - Texas Instruments LM4876 Datasheet HTML 4Page - Texas Instruments LM4876 Datasheet HTML 5Page - Texas Instruments LM4876 Datasheet HTML 6Page - Texas Instruments LM4876 Datasheet HTML 7Page - Texas Instruments LM4876 Datasheet HTML 8Page - Texas Instruments LM4876 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM4876
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
www.ti.com
Connection Diagrams
Figure 2. VSSOP Package – Top View
See Package Number DGS
Figure 3. SOIC Package – Top View
See Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
2500V
ESD Susceptibility(5)
250V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
Small Outline Package
Infrared (15 sec.)
220°C
θJC (typ)—DGS
56°C/W
θJA (typ)—DGS
210°C/W
θJC (typ)—D
35°C/W
θJA (typ)—D
140°C/W
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments' Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions that ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value, however, is a good
indication of device performance.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4876, TJMAX = 150°C. The typical junction-to-ambient thermal resistance is 140°C/W for the D package and
210°C/W for the DGS package.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine Model, 220 pF–240 pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°
Supply Voltage
2.0V
≤ VDD ≤ 5.5V
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com