Electronic Components Datasheet Search
  English  ▼

X  

LM4990 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4990
Description  LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4990 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4990 Datasheet HTML 8Page - Texas Instruments LM4990 Datasheet HTML 9Page - Texas Instruments LM4990 Datasheet HTML 10Page - Texas Instruments LM4990 Datasheet HTML 11Page - Texas Instruments LM4990 Datasheet HTML 12Page - Texas Instruments LM4990 Datasheet HTML 13Page - Texas Instruments LM4990 Datasheet HTML 14Page - Texas Instruments LM4990 Datasheet HTML 15Page - Texas Instruments LM4990 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT POWER (W)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
:
:
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
OUTPUT POWER (W)
:
:
0
0.2
0.4
0.6
0.8
1
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
OUTPUT POWER (W)
:
:
LM4990
SNAS184E – DECEMBER 2002 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Power Dissipation vs Output Power, VDD = 5V
Power Dissipation vs Output Power, VDD = 3V
Figure 27.
Figure 28.
Shutdown Hysteresis Voltage
Power Dissipation vs Output Power, VDD = 2.6V
VDD = 5V, SD Mode = VDD
Figure 29.
Figure 30.
Shutdown Hysteresis Voltage
Shutdown Hysteresis Voltage
VDD = 5V, SD Mode = GND
VDD = 3V, SD Mode = VDD
Figure 31.
Figure 32.
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com