Electronic Components Datasheet Search
  English  ▼

X  

LM4991 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4991
Description  LM4991 3W Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4991 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4991 Datasheet HTML 2Page - Texas Instruments LM4991 Datasheet HTML 3Page - Texas Instruments LM4991 Datasheet HTML 4Page - Texas Instruments LM4991 Datasheet HTML 5Page - Texas Instruments LM4991 Datasheet HTML 6Page - Texas Instruments LM4991 Datasheet HTML 7Page - Texas Instruments LM4991 Datasheet HTML 8Page - Texas Instruments LM4991 Datasheet HTML 9Page - Texas Instruments LM4991 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
20
100
1k
10k 20k
FREQUENCY (Hz)
0.01
0.1
1
10
10m
100m
1
3
OUTPUT POWER (W)
0.01
0.1
1
10
20
100
1k
10k 20k
FREQUENCY (Hz)
0.01
0.1
1
10
20
100
1k
10k 20k
FREQUENCY (Hz)
0.01
0.1
1
10
20
100
1k
10k 20k
FREQUENCY (Hz)
0.01
0.1
1
10
20
100
1k
10k 20k
FREQUENCY (Hz)
0.01
0.1
1
10
LM4991
SNAS217A – MAY 2004 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 8Ω, and PO = 500mW
VDD = 3V, RL = 4Ω, and PO = 500mW
Figure 6.
Figure 7.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 8Ω, and PO = 250mW
VDD = 2.6V, RL = 4Ω, and PO = 150mW
Figure 8.
Figure 9.
THD+N vs Frequency
THD+N vs Output Power
VDD = 2.6V, RL = 8Ω, and PO = 150mW
VDD = 5V, RL = 8Ω, and f = 1kHz
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com