Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5015
Description  LM5015 High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5015 Datasheet(HTML) 2 Page - Texas Instruments

  LM5015 Datasheet HTML 1Page - Texas Instruments LM5015 Datasheet HTML 2Page - Texas Instruments LM5015 Datasheet HTML 3Page - Texas Instruments LM5015 Datasheet HTML 4Page - Texas Instruments LM5015 Datasheet HTML 5Page - Texas Instruments LM5015 Datasheet HTML 6Page - Texas Instruments LM5015 Datasheet HTML 7Page - Texas Instruments LM5015 Datasheet HTML 8Page - Texas Instruments LM5015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
2
3
4
BST
VCC
COMP
LO
PGND
CFB
HO
PVIN
5
10
FB
VIN
6
9
RT
EN
7
8
AGND
SS
11
12
13
14
EP
LM5015
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Connection Diagram
HTSSOP-14 EP Package
Top View
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
AGND
Analog ground
Internal reference for the regulator control functions. The AGND pin and the
PGND pin should be connected directly to minimize switching noise and prevent
erratic operation.
2
RT
Oscillator frequency programming
The internal oscillator is set with a resistor between this pin and the AGND pin.
and optional synchronization input
The recommended switching frequency range is 25KHz to 750 kHz. The RT pin
can accept synchronization pulses from an external clock. A 100 pF capacitor is
recommended for coupling the synchronizing clock to the RT pin.
3
FB
Feedback input of the internal error
This pin is connected to the inverting input of the internal error amplifier. The
amplifier, for non-isolated
1.26V reference is internally connected to the non-inverting input of the error
applications
amplifier. In isolated application using an external error amplifier, this pin should
be connected to the AGND pin.
4
COMP
Control input for the PWM
Internally connected to the open drain output of the internal error amplifier.
comparator
COMP pull-up is provided by an internal 5 k
Ω resistor which may be used to
bias an opto-coupler transistor in isolated applications.
5
CFB
Current feedback pin
Feedback in put for high bandwidth isolated applications. An NPN current mirror
couples the external opto-coupler current to the PWM comparator while
maintaining a relatively constant opto-coupler voltage.
6
PGND
Power ground
Internally connected to the current sense resistor in the source of the low side
MOSFET switch.
7
LO
Low side switch drain
The drain terminal of the internal low side power MOSFET.
8
PVIN
Input supply pin for high side switch
Internally connected to the drain of the high side power MOSFET.
9
HO
High side switch source
The source terminal of the high side power MOSFET.
10
BST
High side bootstrap bias
An external capacitor is required between the BST and the HO pins. A minimum
capacitor value of 0.022 µF is recommended. The capacitor is charged from
VCC via an internal diode during the power MOSFET off-time.
11
VCC
Bias regulator output, or input for
VCC tracks VIN up to 6.9V. At higher VIN voltages, VCC is regulated to 6.9
external bias supply
Volts. A 0.47µF or greater ceramic decoupling capacitor is required on the VCC
pin. An external bias voltage between 7V and 14V applied to the VCC pin will
disable the internal VCC regulator, reduce internal power dissipation, and
improve the converter efficiency.
12
VIN
Analog input voltage pin
Power supply Input for the switching regulator control blocks.
13
EN
Enable / Under-Voltage Lock-Out /
An external voltage divider can be used to set the input under-voltage lockout
Shutdown input
threshold. If the EN pin is left unconnected, a 6 µA pull-up current source pulls
the EN pin high to enable the regulator.
14
SS
Soft-start
An internal 11 µA current source charges an external capacitor connected to the
SS pin to soft-start the switching regulator by gradually raising the COMP pin
voltage.
NA
EP
Exposed Pad
Exposed metal pad on the underside of the package. It is recommended to
connect this pad to the PGND and AGND pins, and also to the PC board
ground plane in order to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com