Electronic Components Datasheet Search
  English  ▼

X  

LM5020 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5020
Description  LM5020 100V Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5020 Datasheet HTML 2Page - Texas Instruments LM5020 Datasheet HTML 3Page - Texas Instruments LM5020 Datasheet HTML 4Page - Texas Instruments LM5020 Datasheet HTML 5Page - Texas Instruments LM5020 Datasheet HTML 6Page - Texas Instruments LM5020 Datasheet HTML 7Page - Texas Instruments LM5020 Datasheet HTML 8Page - Texas Instruments LM5020 Datasheet HTML 9Page - Texas Instruments LM5020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LOGIC
OSC
VIN
VCC
LOGIC
OUT
7.7V SERIES
REGULATOR
REFERENCE
SLOPECOMP
RAMP
GENERATOR
(LM5020-1 Only)
DRIVER
RT/SYNC
CLK
VCC
ENABLE
5V
1.25V
S
Q
R
Q
UVLO
HYSTERESIS
(20 PA)
UVLO
+
-
1.25V
GND
Max Duty Limit
LM5020-1 (80%)
LM5020-2 (50%)
10 PA
SS
CS
0.5V
PWM
50 PA
0
2k
FB
5k
5V
1.4V
2R
R
COMP
1.25V
SS
+
-
+
-
CLK + LEB
SS
LM5020
SNVS275F – MAY 2004 – REVISED APRIL 2006
www.ti.com
Block Diagram
6
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com