Electronic Components Datasheet Search
  English  ▼

X  

LM5035A Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5035A
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035A Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5035A Datasheet HTML 20Page - Texas Instruments LM5035A Datasheet HTML 21Page - Texas Instruments LM5035A Datasheet HTML 22Page - Texas Instruments LM5035A Datasheet HTML 23Page - Texas Instruments LM5035A Datasheet HTML 24Page - Texas Instruments LM5035A Datasheet HTML 25Page - Texas Instruments LM5035A Datasheet HTML 26Page - Texas Instruments LM5035A Datasheet HTML 27Page - Texas Instruments LM5035A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
UVLO
LM5035B
VPWR
STANDBY
OFF
OFF
STANDBY
1.25V
0.4V
23 PA
R2
R1
1.25V x (R1 + RCOMBINED)
OVPoff
R3 =
RCOMBINED =
1.25V x R1
UVLOoff ± 1.25V
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
(12)
Then R3 is determined by selecting the OVP disabling threshold:
(13)
Finally, R3 is subtracted from RCOMBINED to give R2:
R2 = RCOMBINED - R3
(14)
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the UVLO pin as shown in Figure 25.
Figure 25. Remote Standby and Disable Control
FAULT PROTECTION
The Over Voltage Protection (OVP) comparator of the LM5035B can be configured for line or load fault protection
or thermal protection using an external temperature sensor or thermistor. Figure 23 shows a line over voltage
shutdown application using a voltage divider between the input power supply, VPWR, and AGND to monitor the
line voltage.
Figure 26 demonstrates the use of the OVP pin for latched output over-voltage fault protection, using a zener
and opto-coupler. When VOUT exceeds the conduction threshold of the opto-coupler diode and zener, the opto-
coupler momentarily turns on Q1 and the LM5035B enters standby mode, disabling the drivers and enabling the
hysteresis current source on the OVP pin. Once the current source is enabled, the OVP voltage will remain at
2.3V (23 µA x 100 k
Ω) without additional drive from the external circuit. If the opto-coupler transistor emitter were
directly connected to the OVP pin, then leakage current in the zener diode amplified by the opto-coupler’s gain
could falsely trip the protection latch. R1 and Q1 are added reduce the sensitivity to low level currents in the
opto-coupler. Using the values of Figure 26, the opto-coupler collector current must equal VBE(Q1) / R1 = 350 µA
before OVP latches. Once the controller has switched to standby mode, the outputs no longer switch but the
VCC and REF regulators continue functioning and supply bias to the external circuitry. VCC must fall below 6.2V
or the UVLO pin must fall below 0.4V to clear the OVP latch.
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com