Electronic Components Datasheet Search
  English  ▼

X  

LM5134 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5134
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134 Datasheet(HTML) 4 Page - Texas Instruments

  LM5134 Datasheet HTML 1Page - Texas Instruments LM5134 Datasheet HTML 2Page - Texas Instruments LM5134 Datasheet HTML 3Page - Texas Instruments LM5134 Datasheet HTML 4Page - Texas Instruments LM5134 Datasheet HTML 5Page - Texas Instruments LM5134 Datasheet HTML 6Page - Texas Instruments LM5134 Datasheet HTML 7Page - Texas Instruments LM5134 Datasheet HTML 8Page - Texas Instruments LM5134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
www.ti.com
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Gate drive supply, VDD
4
12.6
V
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM5134
UNIT
DBV (SOT-23)
NGG (WSON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
105.9
51
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.1
47
°C/W
RθJB
Junction-to-board thermal resistance
21
25.3
°C/W
ψJT
Junction-to-top characterization parameter
1.2
0.6
°C/W
ψJB
Junction-to-board characterization parameter
20.5
24.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
5.8
°C/W
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6.5 Electrical Characteristics
TJ = 25°C, VDD = 12 V, unless otherwise specified. Minimum and Maximum limits are ensured through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD
VDD operating voltage
TJ = –40°C to +125°C
4
12.6
V
UVLO
VDD undervoltage lockout
VDD rising
TJ = 25°C
3.6
V
TJ = –40°C to +125°C
3.25
4
VDD undervoltage lockout
hysteresis
0.36
V
VDD undervoltage lockout
to main output delay time
VDD rising
500
ns
IDD
VDD quiescent current
IN = INB = VDD
TJ = 25°C
0.8
mA
TJ = –40°C to +125°C
2
OUTPUT
RON-DW
(SOT23-6)
Main output resistance –
pulling down
VDD = 10 V, IOUT =
–100 mA
TJ = 25°C
0.15
Ω
TJ = –40°C to +125°C
0.45
VDD = 4.5 V, IOUT =
–100 mA
TJ = 25°C
0.2
Ω
TJ = –40°C to +125°C
0.5
RON-DW
(WSON)
Main output resistance –
pulling down
VDD = 10 V, IOUT =
–100 mA
TJ = 25°C
0.2
Ω
TJ = –40°C to +125°C
0.5
VDD = 4.5 V, IOUT =
–100 mA
TJ = 25°C
0.25
Ω
TJ = –40°C to +125°C
0.55
Power-off pulldown
resistance
VDD = 0 V, IOUT = –10 mA
1.5
10
Ω
Power-off pulldown clamp
voltage
VDD = 0 V, IOUT = –10 mA
0.7
1
V
Peak sink current
CL = 10,000 pF
7.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com