Electronic Components Datasheet Search
  English  ▼

X  

RFC-MA Datasheet(PDF) 5 Page - KITAGAWA GmbH

Part # RFC-MA
Description  Ferrite Cores, Tiles, and Sheets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RFC-MA Datasheet(HTML) 5 Page - KITAGAWA GmbH

  RFC-MA Datasheet HTML 1Page - KITAGAWA GmbH RFC-MA Datasheet HTML 2Page - KITAGAWA GmbH RFC-MA Datasheet HTML 3Page - KITAGAWA GmbH RFC-MA Datasheet HTML 4Page - KITAGAWA GmbH RFC-MA Datasheet HTML 5Page - KITAGAWA GmbH RFC-MA Datasheet HTML 6Page - KITAGAWA GmbH RFC-MA Datasheet HTML 7Page - KITAGAWA GmbH RFC-MA Datasheet HTML 8Page - KITAGAWA GmbH RFC-MA Datasheet HTML 9Page - KITAGAWA GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MPTR-40-24-15E
Impedance vs Frequency
(with DC superposition)
PART NO.
Max Outer
Diameter
Min Inner
Diameter
Max
Length
Impedance
Ω/1MHz (5turns)
MPTR-20-13-10E
21.2
11.8
10.9
≥7
MPTR-27-15-11E
27.8
13.8
12.1
≥12
MPTR-40-24-15E
40.9
23.1
15.48
≥12
METAL CORE
− Due to higher magnetic flux density, current superposition (current at 20A or less) will not lower the impedance
− Resin-coated core to protect cables
− Impedance is stable from -40°C ~ +140°C, with a high Curie temperature
− Possible to suppress normal mode noise
Unit: mm
AMORPHOUS CORE
− Higher magnetic permeability and saturated magnetic density than a ferrite core
− Suppresses noise from 150kHz ~ 30MHz generated by switching regulator or inverter
− Available with screw hole on either side
− UL94 V-0 rated
AF01-40
Impedance vs Frequency (10 turns)
AF01-40 Dimensions
(Top view in mm)
AF01-40 Dimensions
(Side view in mm)
BROAD EFFECT CORE
− Amorphous metal core, effective for conducted and radiated broadband noise suppression from around 1MHz~100MHz
− High impedance characteristics reduces the number of cable turns
− Impedance characteristics remains stable within a wide temperature range
− Operating temperature: -30 ~ 130°C
− PBT plastic housing provides electrical insulation and is UL94 V-0 rated
Part No.
A
B
C
Impedance
Ω/1MHz (1turn)
BRE-16-25-10
27.5
13.8
12.6
≥28
BRE-20-30-15
33.5
17.7
17.9
≥36
BRE-23-33-15
36.3
21
18
≥28
BRE-50-65-25
68.4
46.7
28.7
≥34
BRE-50-80-25
84
47
29.2
≥38
BRE-76-102-25
107.9
70.2
30.4
≥31
Unit: mm
Low Frequency Ferrite Clamp
− Automotive grade ferrite for suppressing low frequency noise (150kHz~30MHz)
− Specifically designed to withstand vibration requirements for passenger vehicles
− Easy to install and very secure; uninstallation requires a tool to unfasten the clamp’s interlocking feature
− Outer casing also feature strap and tape mounting guides to prevent sliding
− Casing is UL94V-2 rating
− Operating temperature: -40~125°C
Part No.
A
B
C
D
Applicable
Cable Diameter
Impedance
Ω/10MHz (1turn)
RFCW-13MA-BK-1PC
31.4
33.6
34.8
58.3
13.5 MAX
≥20
Unit: mm
RFCW-13MA-BK-PC
Product dimensions (2 pieces locked together)
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com