Electronic Components Datasheet Search
  English  ▼

X  

RG58 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG58
Description  RG58 Coaxial Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG58 Datasheet(HTML) 1 Page - Multicomp Pro

  RG58 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.1
28/01/22
RG58 Coaxial Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Length
Part Number
Coaxial Cable, RG58, LSZH, Black
Per Meter or 100 Meter
RG58
Construction
Item
Material
Diameter
(Inch)
(mm)
Inner Conductor
Stranded; Tinned Copper
19/0.0071 ±0.002 19/0.18 ±0.05
Dielectric
Solid PE
0.116 ±0.004
2.95 ±0.1
Shield
95% Tinned Copper Braid
0.14 ±0.004
3.55 ±0.1
Jacket
LSZH
0.195 ±0.004
4.95 ±0.1
Electrical Characteristics
Impedance
: 50Ω ±2Ω
Capacitance
: 101pF/m
Velocity of Propagation
: 66%
Max. Operating Frequency : 1GHz
Max. Operating Voltage
: 1900Vrms
Corona Extinction Voltage
: 1900Vrms
Voltage Withstand
: 5000Vrms
Spark Test
: 5000Vrms
Operating Temp. Range
: -40°C to +85°C
Attenuation (@20°C)
Frequency
(MHz)
Max. Attenuation
(dB/100ft)
Max. Attenuation
(dB/100m)
10
1.5
4.9
50
3.3
10.9
100
4.7
15.5
200
7.5
24.5
400
10.6
34.8
600
12.1
39.6
860
17.2
56.4
1000
18.4
60.5


Similar Part No. - RG58

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
RG58 QUALWAVE-RG58 Datasheet
197Kb / 2P
Flexible RF Cables & Assemblies
Rev 1.1
logo
Pasternack Enterprises,...
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG58-TPX PASTERNACK-RG58-TPX Datasheet
311Kb / 2P
Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
logo
List of Unclassifed Man...
RG58C ETC-RG58C Datasheet
90Kb / 2P
SUHNER COAXIAL CABLE
logo
Pasternack Enterprises,...
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
More results

Similar Description - RG58

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35794102 GENERAL-C35794102 Datasheet
83Kb / 4P
C3579, Coaxial Cable, RG58/U Type, Plenum, 20 AWG (19X32) Tinned Copper
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
logo
PHOENIX CONTACT
1655577 PHOENIX-1655577 Datasheet
56Kb / 3P
D-SUB coaxial contact - VS-BU-KX-50-RG58
1655580 PHOENIX-1655580 Datasheet
57Kb / 3P
D-SUB coaxial contact - VS-ST-KX-50-RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com