Electronic Components Datasheet Search
  English  ▼

X  

LM8272 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8272
Description  LM8272 Dual RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8272 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8272 Datasheet HTML 8Page - Texas Instruments LM8272 Datasheet HTML 9Page - Texas Instruments LM8272 Datasheet HTML 10Page - Texas Instruments LM8272 Datasheet HTML 11Page - Texas Instruments LM8272 Datasheet HTML 12Page - Texas Instruments LM8272 Datasheet HTML 13Page - Texas Instruments LM8272 Datasheet HTML 14Page - Texas Instruments LM8272 Datasheet HTML 15Page - Texas Instruments LM8272 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM8272
SNOS515F – OCTOBER 2000 – REVISED AUGUST 2015
www.ti.com
Typical Performance Characteristics (continued)
Figure 26. VOUT from V
+ vs. I
SOURCE
Figure 25. Settling Time (±1%) & Slew Rate vs. Cap Load
Figure 28. Step Response for Various Amplitudes
Figure 27. VOUT from V
− vs. I
SINK
Figure 29. Step Response for Various Amplitudes
Figure 30. Large Signal Step Response
for Various Cap Loads
12
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM8272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com