Electronic Components Datasheet Search
  English  ▼

X  

LM8333 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8333
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8333 Datasheet HTML 8Page - Texas Instruments LM8333 Datasheet HTML 9Page - Texas Instruments LM8333 Datasheet HTML 10Page - Texas Instruments LM8333 Datasheet HTML 11Page - Texas Instruments LM8333 Datasheet HTML 12Page - Texas Instruments LM8333 Datasheet HTML 13Page - Texas Instruments LM8333 Datasheet HTML 14Page - Texas Instruments LM8333 Datasheet HTML 15Page - Texas Instruments LM8333 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM8333
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Some host commands include one or more data bytes read from the LM8333. Figure 11 shows a READ_INT
command which consists of an address byte, a command byte, a second address byte, and a data byte.
The first address byte is sent with the direction bit driven low to indicate a write transaction of the command to
the LM8333. The second address byte is sent with the direction bit undriven (pulled high) to indicate a read
transaction of the data from the LM8333.
The Repeated Start condition must be repeated whenever the slave address or the direction bit is changed. In
this case, the direction bit is changed.
The data is sent from the slave to the host in the fourth byte. This byte ends with a negative acknowledgement
(NACK) to indicate the end of the data.
Figure 11. Host Read Command
WAKE-UP FROM HALT MODE
Any bus transaction initiated by the host may encounter the LM8333 device in Halt mode or busy with processing
data, such as controlling the FIFO buffer or executing interrupt service routines.
Figure 12 shows the case in which the host sends a command while the LM8333 is in Halt mode (CPU clock is
stopped). Any activity on the ACCESS.bus wakes up the LM8333, but it cannot acknowledge the first bus cycle
immediately after wake-up.
The host drives a Start condition followed by seven address bits and a R/W bit. The host then releases SDA for
one clock period, so that it can be driven by the LM8333.
If the LM8333 does not drive SDA low during the high phase of the clock period immediately after the R/W bit,
the bus cycle terminates without being acknowledged (shown as NACK in Figure 12). The host then aborts the
transaction by sending a Stop condition. After aborting the bus cycle, the host may then retry the bus cycle. On
the second attempt, the LM8333 will be able to acknowledge the slave address, because it will be in Active
mode.
Alternatively, the I2C specification allows sending a START byte (00000001), which will not be acknowledged by
any device. This byte can be used to wake up the LM8333 from Halt mode.
The LM8333 may also stall the bus transaction by pulling the SCL low, which is a valid behavior defined by the
I2C specification.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com