Electronic Components Datasheet Search
  English  ▼

X  

LM8365 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8365
Description  LM8365 Micropower Undervoltage-Sensing Circuit With Programmable Output Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8365 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8365 Datasheet HTML 8Page - Texas Instruments LM8365 Datasheet HTML 9Page - Texas Instruments LM8365 Datasheet HTML 10Page - Texas Instruments LM8365 Datasheet HTML 11Page - Texas Instruments LM8365 Datasheet HTML 12Page - Texas Instruments LM8365 Datasheet HTML 13Page - Texas Instruments LM8365 Datasheet HTML 14Page - Texas Instruments LM8365 Datasheet HTML 15Page - Texas Instruments LM8365 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LM8365
SNVS233C – MARCH 2003 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: LM8365
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The Bill of Materials shown in Table 2 reflects the components used on the LM8365EVM. A layout of the EVM
can be seen in Figure 19.
Table 2. Bill of Materials
DESIGNATOR
DESCRIPTION
PART NUMBER
QUANTITY
MANUFACTURER
U1
LM8365, 2.7V Threshold
LM8365
1
Texas Instruments
R1
470K Resistor, 0603
CRCW0603470KJNEA
1
Vishay
C1
0.01
μF Capacitor, 0603
GRM188R71C103KA01D
1
MuRata
C2
0.1
μF Capacitor, 0805
GRM219R71C104KA01D
1
MuRata
C3
1
μF Capacitor, 0805
C0805C105K4RACTU
1
Kemet
C4
Input Capacitor
–
0
–
8.2.3 Application Curves
Two capacitor values for CD (0.1 μF and 1 μF) are used as examples to show the programmability of the output
time delay as shown in Figure 15 and Figure 16.
Figure 15. 0.1-
μF Capacitor Programmed Delay
Figure 16. 1-
μF Capacitor Programmed Delay
8.3 System Examples
The LM8365 can be used as a missing pulse detector. As shown in Figure 17, if a high-to-low transition pulse
were to be missing, the CD voltage would continue to increase until it reaches its threshold of 0.675 × VIN,
causing the Reset pin to output high and signal a missing pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com