Electronic Components Datasheet Search
  English  ▼

X  

HUB4SS-BA Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # HUB4SS-BA
Description  Rugged SuperSpeed 4-Port USB 3.1 Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB4SS-BA Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  HUB4SS-BA Datasheet HTML 1Page - Sealevel Systems, Inc. HUB4SS-BA Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
Rugged SuperSpeed 4-Port USB 3.1 Hub
Part: HUB4SS-BA | Model: Rugged SuperSpeed 4-Port USB 3.1 Hub
Features
• Self-powered USB 3.1 hub provides four Charging Downstream
USB Ports (CDPs)
• One Charging Downstream Port (CDP) supplies up to 2.4A to a
connected device
• CDPs are battery charging specification BCv1.2 compliant
• Three Charging Downstream Ports (CDPs) supply up to 1500mA to
each connected device
• Device offers SDP charging when powered by external USB (up to
500mA for USB 2.0/1.1/1.0 connections or up to 900mA for USB
3.0/3.1 connections)
• Supports SuperSpeed (5Gb/s), high-speed (480Mb/s), full-speed
(12Mb/s) and low-speed (1.5Mb/s) operation
• ESD protection
• ±8kV on Each USB 2.0 Data Line (D+, D-)
• ±15kV on Each USB 3.0 Data Line (SSTX+, SSTX-, SSRX+, SSRX-)
• Fully Supported in Microsoft Windows 8/10 and other USB-aware
operating systems (compatible with all operating systems that USB
1.1/2.0/3.0 are compatible with).
• Optional wall-mount AC power supply accessory that outputs
24VDC @ 2.71A (Item # TR152)
• Includes 2-meter USB 3.0 type A to USB 3.0 type B device cable
(Item #CA783)
• 2-meter USB 3.0 type A to SeaLATCH USB 3.0 type B device cable
available as an option (Item #CA748)
• Sealevel’s SeaLATCH locking USB 3.0 ports provide secure connection
with optional SeaLATCH USB 3.0 cables via metal thumbscrews
• Reverse polarity input voltage protection down to -40VDC with respect
to GND
• Overvoltage Protection against input voltage surges up to 80VDC with
respect to GND
• Overcurrent Protection against short circuits and excessive
load currents.
Specifications
Communications
Chip
USB Hub (USB5734)
Dimensions
5.500in (L) x 5.125in (W) x 1.750in (H)
Humidity Range
10 – 95% Relative Humidity,
Non-Condensing
Max Data Distance
(When Using USB
3.0 functionality)
3 Meters with Standard Passive USB
3.0 Cables, 18 Meters with an Active
USB 3.0 Cable
Max Data Distance
(When Using USB
2.0 Functionality)
5 Meters with Standard Passive USB
2.0 Cables, 30 Meters with an Active
USB 2.0 Cable
Max Data Rate
5 Gb/s (SuperSpeed)
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
# of Ports
4
Power
Requirement(s)
• 9-30VDC (24VDC Nominal via TR152)
(for Self-Powered Mode)
• 5VDC Nominal via Upstream USB Host
(for Bus-Powered Mode)
RoHS Compliant
Yes
USB Specification
USB 3.1 Gen 1, SuperSpeed (USB 3.0)
Compliant; 2.0, 1.1, 1.0 Compatible
sealevel.com
+1 864.843.4343
SeaLATCH High-Retention, Locking Connectors
The HUB4SS-BA integrates Sealevel’s SeaLATCH locking USB 3.0
ports, which are fully compatible with standard USB cables. When
used with the included USB cable with a SeaLATCH USB type B
connector, the metal thumbscrew provides a secure connection
to the device and prevents accidental cable disconnection. The
hub’s four SeaLATCH USB 3.0 type A connectors can secure
downstream USB peripherals to the hub in the same way. Find
optional USB cables with SeaLATCH USB connectors under the
Accessories, or use the standard, included USB cables.
Easy Installation & Use
Fully Supported in Microsoft Windows 8/10, and backward
compatible with Microsoft Windows XP/7, and other USB-aware
operating systems. The hub requires no separate drivers and is
easy to install.
Industrial Design & Operation
The HUB4SS-BA features a rugged, metal enclosure and can be
mounted utilizing available DIN rail clips. Standard operating
temperature range is -40°C to 85°C.
SL9349K21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com