Electronic Components Datasheet Search
  English  ▼

X  

HUB7P Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # HUB7P
Description  High Speed 7-Port USB 2.0 Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

HUB7P Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  HUB7P Datasheet HTML 1Page - Sealevel Systems, Inc. HUB7P Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed 7-Port USB 2.0 Hub
With industrial and OEM applications increasingly adding USB devices, the need for more USB ports becomes a necessity. The
HUB7P is a powered USB 2.0 7-port hub that is perfect for adding high-speed USB ports to industrial computing platforms.
The HUB7P is USB 2.0 compliant, providing a full 480M bps data rate to the host, and is backward compatible with USB 1.1 and 1.0
devices. The powered hub includes a wall-mount AC adapter that supplies a full 500mA to each attached USB peripheral. The power
supply outputs 5VDC @ 4A and has a locking DC connector to prevent accidental removal of the power cable. The hub is housed in a
rugged plastic enclosure and status LEDs indicate external power, connection to the host, and fault conditions.
To prevent accidental disconnection of the USB cable, the HUB7P integrates a high-retention USB type B connector. Standard
operating temperature range is 0°C to 70°C and extended temperature range (-40°C to 85°C) is optional.
Supported in Windows, Linux, and other USB aware operating systems, the HUB7P requires no separate drivers and is easy to install.
Simply provide power to the hub using the included power supply, plug the hub into an available USB port with the included cable,
and the hub is automatically recognized.
For rugged industrial applications, check out the HUB7M with SeaLATCH locking USB ports.
Part: HUB7P | Model: 7-Port USB 2.0 Hub
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - HUB7P

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
HUB7I SEALEVEL-HUB7I Datasheet
646Kb / 2P
Isolated 7-Port USB Hub
HUB7M SEALEVEL-HUB7M Datasheet
293Kb / 2P
Rugged High-Speed 7-Port USB 2.0 Hub with SeaLATCH USB Ports
HUB7SS-BA SEALEVEL-HUB7SS-BA Datasheet
158Kb / 2P
Rugged SuperSpeed 7-Port USB 3.1 Hub
HUB7SSBA-OEM SEALEVEL-HUB7SSBA-OEM Datasheet
644Kb / 2P
Embedded Rugged SuperSpeed 7-Port USB 3.1 Hub with Battery Charging
More results

Similar Description - HUB7P

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
USB 2.0 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com