Electronic Components Datasheet Search
  English  ▼

X  

1201 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1201
Description  Vibrating Mini Motor Disc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1201 Datasheet(HTML) 2 Page - Adafruit Industries

  1201 Datasheet HTML 1Page - Adafruit Industries 1201 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
*BZZZZZZZZZZ* Feel that? That's your little buzzing motor, and for any haptic
feedback project you'll want to pick up a few of them. These vibe motors are tiny
discs, completely sealed up so they're easy to use and embed.
Two wires are used to control/power the vibe. Simply provide power from a battery
or microcontroller pin (red is positive, blue is negative) and it will buzz away. Works
from 2V up to 5V, higher voltages result in more current draw but also a stronger
vibration.
If you want to reduce the current draw/strength (for example, to control it directly
from an Arduino pin) try putting a resistor (100 to 1000 ohms) in series. For full
power control, a small PN2222 transistor can control a motor easily, some
experimentation may be required!
Vibrating Mini Motor Disc (6:47)
7/16/2015
http://www.adafruit.com/products/1201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com