Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1213
Description  Ratcheting Crimper Pliers - #18-28 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1213 Datasheet(HTML) 1 Page - Adafruit Industries

  1213 Datasheet HTML 1Page - Adafruit Industries 1213 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ratcheting Crimper Pliers - #18-28 AWG
PRODUCT ID: 1213
Make cables and wiring harnesses with ease using smooth ratcheting crimpers. These precision
machined crimpers will turn you into a pro, no more painful struggles with pliers and generic crimpers
that smoosh your contacts so they wont fit properly. Once you've pressed enough, the ratchet releases,
so you know when you've applied enough force.


Similar Part No. - 1213

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
1213 LINEAR-1213 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
Yantel Corporation
1213 YANTEL-1213 Datasheet
454Kb / 2P
Variable RF Inductor
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
ASSUN MOTOR Pte Ltd.
1213 ASSUN-1213 Datasheet
286Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
Hand Crimper
0011010097 MOLEX1-0011010097 Datasheet
22Kb / 1P
Hand Crimper
logo
List of Unclassifed Man...
PA1460 ETC2-PA1460 Datasheet
173Kb / 1P
D-sub 4 Indent Crimper 26-20 AWG
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
Hand Crimper
0688014225 MOLEX1-0688014225 Datasheet
31Kb / 1P
Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 18 AWG
0688014226 MOLEX1-0688014226 Datasheet
31Kb / 1P
Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 18 AWG
0688014229 MOLEX1-0688014229 Datasheet
31Kb / 1P
Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 18 AWG
0011260072 MOLEX-0011260072 Datasheet
48Kb / 2P
Applicator for M211A Bench Press, 18-28 AWG Wire
08/25/2022
0011260092 MOLEX-0011260092 Datasheet
50Kb / 1P
Applicator for M211A Bench Press, 18-28 AWG Wire
08/25/2022
0574073000 MOLEX-0574073000 Datasheet
51Kb / 2P
Applicator for M211A Bench Press, 18-28 AWG Wire
08/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com