Electronic Components Datasheet Search
  English  ▼

X  

1044 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 1044
Description  “18650” LITHIUM-ION BATTERY HOLDERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

1044 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  1044 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“18650” LITHIUM-ION BATTERY HOLDERS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
27
FEATURES
• Low profile surface mount holder for Cylindrical
Lithium and alkaline batteries
• UL 94V-0 heat resistant nylon housing well
suited for reflow soldering
• Battery installation and removal does not
require tools
• Securely holds battery in place
Operating Temp Range:
-60ºF to +290ºF (-50ºC to +145ºC)
D
.145 [3.7] DIA.
.062 [1.57] DIA.
x .062 [1.6] L.
2.175 [55.2]
.709 [18.0]
.630
[16.0]
.130 [3.3]
2.710 [68.9]
3.034 [77.1]
.813
[20.7]
3.386 [86.0]
Pad Layout
3.386 [86.0] MIN.
.136 [3.5] DIA.
(2) PLS
.094 [2.4] DIA.
.630 [16.0]
2.175 [55.2]
.289 [7.3] MIN.
.250
[6.4]
MIN.
.125 [3.2] DIA.
(2) PLS
D
.709 [18.0]
.062 [1.57] DIA.
X .062 [1.57] L.
.130 [3.3]
.145 [3.7]
DIA.
2.175 [55.2]
.753 [19.1]
2.710 [68.9]
3.034 [77.1]
1.566 [39.8]
1.378 [35.0]
3.386 [86.0]
.140 [3.6]
TYP.
2.710 [68.9]
.709 [18.0]
.813
[20.7]
.145 [3.7] DIA.
.062 [1.57] DIA.
x .062 [1.6] L.
.130 [3.3]
2.175 [55.2]
3.034 [77.1]
.630
[16.0]
2.822 [71.6]
Mounting Detail
.136 [3.45]
(2) PLS
2.175 [55.2]
.094 [2.39]
.047 [1.19]
(2) PLS
.630
[16.0]
2.822 [71.6]
.125 [3.2] DIA.
(2) PLS
.709 [18.0]
1.566 [39.8]
.062 [1.57] DIA.
X .062 [1.57] L.
1.378 [35.0]
.130 [3.3]
.145 [3.7] DIA.
2.175 [55.2]
2.710 [68.9]
3.034 [77.1]
.753 [19.1]
2.822 [71.6]
Mounting Detail
.125 [3.18] DIA.
(2) PLS
2.175 [55.2]
.753 [19.1]
.047 [1.2] DIA. (4) PLS
2.822 [71.6]
.136 [3.45] (2) PLS
.094 [2.4]
DIA.
1.378
[35.0]
Pad Layout
2.175 [55.2]
.289 [7.3] MIN.
.125 [3.2] DIA.
(2) PLS.
.250
[6.4]
MIN.
.094 [2.4]
DIA.
.136 [3.5] DIA.
(2) PLS.
.753
[19.1]
1.378
[35.0]
3.386 [86.0] MIN.
SURFACE MOUNT
THRU HOLE MOUNT
• Accomodates cells with or without built-in PCB
protection circuits
• Polarity clearly marked for orientation
• Polarized holders available for protection against
improper battery installation
APPLICATIONS
• Computer memory, power backup systems
• Digital readers
• Laptop and touch pad computers
• PLC and industrial controls
• Electronic cigarette/vapor industry
SINGLE CELL
DUAL CELL
SPECIFICATIONS
Base: High Temp Nylon 46, UL 94V-0
Contacts: .012 (.30) Stainless Steel,
Gold Plate (Flash)
SPECIFICATIONS
Base: High Temp Nylon 46, UL 94V-0
Contacts: .012 (.30) Stainless Steel,
Tin-Nickel Plate
SPECIFICATIONS
Base: High Temp Nylon 46, UL 94V-0
Contacts: .012 (.30) Stainless Steel,
Gold Plate (Flash)
CAT. NO. 1042P Polarized Holder
CAT. NO. 1042 Leaf Springs
CAT. NO. 1048P Polarized Holder
CAT. NO. 1049P Polarized Holder
CAT. NO. 1048 Dual Springs
CAT. NO. 1049 Dual Springs
Packaging Spec’s: 50 pieces per tray
Packaging Spec’s: 50 pieces per tray
Packaging Spec’s: 25 pieces per tray
Packaging Spec’s: 25 pieces per tray
CAT. NO. 1047 Solder Lugs *see image above
CAT. NO. 1043P Polarized Holder
CAT. NO. 1043 Leaf Springs
CAT. NO. 1044 Solder Lugs *see image above
1049 (Dual Cell)
Not Shown
1049P (Dual Cell)
Not Shown
1047 (Dual Cell)
Not Shown
1048 (Dual Cell)
Not Shown
1048P (Dual Cell)
Not Shown
THM Leaf Springs
THM Polarized
Solder Lugs*
SMT Leaf Springs
SMT Polarized
SPECIFICATIONS
Base: High Temp Nylon 46, UL 94V-0
Contacts: .012 (.30) Stainless Steel,
Tin-Nickel Plate
PC Battery Clip
Available
See Page 11.
1043
1043P
1044
1042
1042P
M65 Sect 1 completeR9 6/24/15 4:26 PM Page 27


Similar Part No. - 1044

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
1044 TIME-ELECTRONICS-1044 Datasheet
89Kb / 2P
1044 Voltage and Current Calibrator
V1b 27/03/09
logo
Seme LAB
10440 SEME-LAB-10440 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
logo
Heyco.
10440 HEYCO-10440 Datasheet
111Kb / 1P
Nylon PCB Supports - Metric Reverse Locking
logo
Lapp.
10440000 LAPP-10440000 Datasheet
187Kb / 3P
EPIC® H-A10 SS / H-A10 BS
18.09.2020
logo
Weidmuller
1044000000 WEIDMULLER-1044000000 Datasheet
632Kb / 7P
BLF 7.62HP/03/180LR SN BK BX
More results

Similar Description - 1044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Sony Corporation
US18650VTC5A SONY-US18650VTC5A Datasheet
544Kb / 15P
Lithium-Ion Battery Specifications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com