Electronic Components Datasheet Search
  English  ▼

X  

154 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 154
Description  Continuous Rotation Servo - FeeTech FS5103R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

154 Datasheet(HTML) 2 Page - Adafruit Industries

  154 Datasheet HTML 1Page - Adafruit Industries 154 Datasheet HTML 2Page - Adafruit Industries 154 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
This servo rotates fully forward or backwards instead of moving to a position. You
can use any servo code, hardware or library to control these servos. Good for
making simple moving robots. Comes with four different horns, as shown.
To control with an Arduino, we suggest connecting the control wire to pin 9 or 10
and using the Servo library included with the Arduino IDE (see here for an example
sketch). Position "90" (1.5ms pulse) is stop, "180" (2ms pulse) is full speed forward,
"0" (1ms pulse) is full speed backwards. They may require some simple calibration,
simply tell the servo to 'stop' and then gently adjust the potentiometer in the
recessed hole with a small screwdriver until the servo stops moving.
11/27/2015
http://www.adafruit.com/products/154



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com