Electronic Components Datasheet Search
  English  ▼

X  

304 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 304
Description  The Original Egg-Bot! - Deluxe Kit!
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

304 Datasheet(HTML) 1 Page - Adafruit Industries

  304 Datasheet HTML 1Page - Adafruit Industries 304 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Original Egg-Bot! - Deluxe Kit!
PRODUCT ID: 304
 
 
Description
The Eggbot is an open-source art robot that can draw on spherical or egg-shaped objects from the size of a
ping pong ball to that of a small grapefruit-- roughly 1.25 to 4.25 inches in diameter (3 - 10 cm).
The Eggbot is super adjustable, and is designed to draw on all kinds of things that are normally
"impossible" to print on. Not just eggs but ping pong balls, light bulbs, mini pumpkins, and even things like
wine glasses-- with a bit of work. See the photos above for some examples of personalized golf balls,
christmas ornaments, light bulbs, and (yes) eggs.
The Eggbot chassis is made of tough fiberglass, with integrated heat sinks for the included motors. The pen
and egg motors are high-torque precision stepping motors, and the pen lift mechanism is a quiet and
reliable servo motor.
The Eggbot kit is easy to assemble in a couple of hours, and only requires a couple of basic tools like
miniature Phillips-head and flathead screwdrivers. No soldering required. You'll also need a recent-vintage
computer with an available USB port (Mac, Windows or Linux), plus internet access to download assembly
instructions and necessary software.
The standard pen holder included with the EggBot kit is designed to fit various art pens including Sharpie
Ultra Fine Point pens, one pen is included. It can fit almost any pen of similar size.


Similar Part No. - 304

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
304 ENERCON-304 Datasheet
882Kb / 2P
Compact, Portable Military Fast Ethernet Switch
Jan 25, 2020
logo
Automatic Timing & Cont...
304 ATC-304 Datasheet
362Kb / 2P
Percentage Timer
logo
PANAVISE PRODUCTS, INC.
304 PANAVISE-304 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Marathon Special Produc...
304 MARATHON-304 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
HellermannTyton.
304-1-G HELLERMANNTYTON-304-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 304

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5674C POMONA-5674C Datasheet
164Kb / 2P
Deluxe Electronic DMM Test Lead kit
6173A POMONA-6173A Datasheet
198Kb / 2P
Deluxe Industrial Test Companion Kit
6345 POMONA-6345 Datasheet
79Kb / 1P
Deluxe Electronic Test Companion Kit
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
The original high power LED
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
The original high-power LED
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
logo
SparkFun Electronics
TOL-11805 SPARKFUN-TOL-11805 Datasheet
113Kb / 2P
SparkFun Deluxe Tool Kit
7????9
TOL-13718 SPARKFUN-TOL-13718 Datasheet
103Kb / 2P
Shapeoko Deluxe Kit
11/24/2015
logo
TE Connectivity Ltd
2399991 TEC-2399991 Datasheet
318Kb / 2P
KIT ASSEMBLY, RECEPTACLE DOCKING, BOT AMR CHARGING CONNECTOR
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com