Electronic Components Datasheet Search
  English  ▼

X  

412 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 412
Description  Small Push-Pull Solenoid - 12VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

412 Datasheet(HTML) 1 Page - Adafruit Industries

  412 Datasheet HTML 1Page - Adafruit Industries 412 Datasheet HTML 2Page - Adafruit Industries 412 Datasheet HTML 3Page - Adafruit Industries 412 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Push-Pull Solenoid - 12VDC
PRODUCT ID: 412
Solenoids are basically electromagnets: they are made of a big coil of copper
wire with an armature (a slug of metal) in the middle. When the coil is
energized, the slug is pulled into the center of the coil. This makes the solenoid
able to pull (from one end) or push (from the other)
This solenoid in particular is fairly small, with a 30mm long body and a 'captive'
armature with a return spring. This means that when activated with up to
12VDC, the solenoid moves and then the voltage is removed it springs back to
the original position, which is quite handy. Many lower cost solenoids are only
push type or only pull type and may not have a captive armature (it'll fall out!) or
don't have a return spring. This one even has nice mounting tabs, its a great all-
purpose solenoid.


Similar Part No. - 412

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
ebm-papst
412 EBMPAPST-412 Datasheet
375Kb / 3P
DC axial fans
logo
3M Electronics
412 3M-412 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
412 MARATHON-412 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
More results

Similar Description - 412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
PREMIER DEVICES, INC.
S8740240P12 PDI-S8740240P12 Datasheet
128Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 450mA max. @ 12VDC
logo
Rhombus Industries Inc.
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Japan Aviation Electron...
FO-MC JAE-FO-MC Datasheet
402Kb / 6P
Small Waterproof Optical Multi Pin Push-Pull Connector
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
Small-sized, plastic type, push-pull lock connectors
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com