Electronic Components Datasheet Search
  English  ▼

X  

462 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 462
Description  Standalone AVR ISP Programmer Shield Kit - includes blank chip!
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

462 Datasheet(HTML) 2 Page - Adafruit Industries

  462 Datasheet HTML 1Page - Adafruit Industries 462 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Comes with:
o
Adafruit Proto Shield for Arduino Kit
o
28 pin, 0.3" ZIF socket
o
Piezo beeper
o
Blank ATmega328P chip - ready for you to mess around with, program, and reprogram!
You'll also need some solid core wire for the connections, soldering tools and basic hand tools. An Arduino
is not included, you'll need one to plug the shield into, and a USB cable to program it as well.
Technical Details
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com