Electronic Components Datasheet Search
  English  ▼

X  

512 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 512
Description  Analog 2-axis Thumb Joystick with Select Button Breakout Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

512 Datasheet(HTML) 1 Page - Adafruit Industries

  512 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Analog 2-axis Thumb Joystick with Select
Button + Breakout Board
PRODUCT ID: 512
Description
This mini-kit makes it easy to mount a PSP/Xbox-like thumb joystick to your project. The thumbstick is an analog
joystick - more accurate and sensitive than just 'directional' joysticks - with a 'press in to select' button. Since it's
analog, you'll need two analog reading pins on your microcontroller to determine X and Y. Having an extra digital
input will let you read the switch.
The pack comes in three parts - the joystick itself, a soft-touch rubber 'hat' and a nicely designed breakout board. We
designed the breakout so that you can attach the joystick to a panel easily - every other breakout we wanted to carry
had the mounting holes so they were in the way of the joystick movement! A 5 pin 0.1" spaced header makes it easy
to connect either in a perfboard/breadboard setting or free wiring. You'll need to solder the joystick into the PCB
using a soldering iron and solder, but its very simple and will only take a minute.
Technical Details
o
Dimensions: 1.5" wide x 1.5" long x 1.25" tall (when assembled)
o
Weight: 12 grams ( 0.4oz )
o
Power: Usable with any voltage up to 5V, 2 analog outputs. 1 milliamp draw when used with 5V
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/512 4‐12‐17 


Similar Part No. - 512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
512 PEREGRINE-512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Marl International Limi...
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
512 ETC2-512 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
512 FRANCEJOINT-512 Datasheet
606Kb / 3P
PISTON SEALS
logo
MG Chemicals
512 MG-CHEMICALS-512 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results

Similar Description - 512

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-J-O100A ITT-EGN-J-O100A Datasheet
227Kb / 3P
Analog Joystick Navigation Device
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
logo
List of Unclassifed Man...
2765 ETC2-2765 Datasheet
582Kb / 2P
MINI 2-AXIS ANALOG THUMBSTICK
3103 ETC2-3103 Datasheet
221Kb / 2P
2-Axis Analog Thumb Joystick
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
logo
Leadshine Technology Co...
MX3660 LEADSHINE-MX3660 Datasheet
1Mb / 16P
3-Axis Stepper Drive with Breakout Board & I/O’s
MX4660 LEADSHINE-MX4660 Datasheet
1Mb / 20P
4-Axis Stepper Drive with Breakout Board & I/O’s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com