Electronic Components Datasheet Search
  English  ▼

X  

615 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 615
Description  Needle set - 3/9 sizes - 20 needles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

615 Datasheet(HTML) 2 Page - Adafruit Industries

  615 Datasheet HTML 1Page - Adafruit Industries 615 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Mighty needles, sew like the wind! This needle set is the only one you'll need for
any sort of hand sewing, especially using our conductive thread and wearable
electronics parts.
Each pack contains 20 gold-eye sharps, with eye sizes ranging from #3 (1.75" long)
to #9 (1.35" long). The two #3's (the largest) are too large to pass through the
sewable coin cell holder but otherwise are easy to use and thread. The four #9's
(the smallest) are a little difficult to thread so you may not want to use them with
our conductive thread - they'll be easier to use with normal thread however. The
remaining 14 needles are perfect for use with our 2-ply stainless conductive
thread, 3-ply stainless conductive thread or stainless conductive thin yarn.
Page 2 of 2
7/24/2015
http://www.adafruit.com/products/615



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com