Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 636
Description  USB Microscope - 5MP interpolated 220x magnification / 8 LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

636 Datasheet(HTML) 2 Page - Adafruit Industries

  636 Datasheet HTML 1Page - Adafruit Industries 636 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We tried a bunch of different USB microscopes and found this one to be the best combination of optical
clarity, usability, and price. It's perfect for electronics hacking, rework, SMT (de)soldering, inspection, and
soon you'll find yourself pulling it out to look and photograph all sort of cool small stuff around your lab
and home.
We took some snaps of this 'scope while looking at a tiny 0201-populated GPS board at 20x magnification
and then at a raw die at 200x
Package comes with a USB microscope with 4.5ft/140cm long cord and adjustable stand.
Technical Details
o
Image Sensor: 2.0 megapixel w/high-speed DSP for 5MP interpolation (We compared the output
with a non-interpolated 2MP microscope and it does look clearer with the interpolation!)
o
20x/220x axis micro-lens
o
Adjustable focal length, from 10mm-50mm
o
Snapshots via software or pressing the button
o
Image capture: 2560x2048 (5M Pixel), 2304x1738 (4M Pixel), 1600x1200 (2MPixel), 1280x1024
(1.3MPixel), 1280x960, 1024x768, 800x600, 640x480, 352x288, 320x240, 160x120.
o
Video rate of 30f/s at a brightness of 600 lux
o
Flicker control for 50Hz/60Hz
o
Video format: AVI
o
Photo format: JPG or BMP
o
8 white LED light, 40000mLux
o
20x/200x magnification
o
USB port powered
o
TWAIN compatible
o
Size: 112mm long x 33mm diameter
Color may vary
Software & Driver download - There's a manual in the ZIP but its for the older version of this camera, the
specifications listed there will be for the older camera which you can disregard. Software is not compatible
with MacOS X Mavericks - we suggest mixscope if you need really good Mac Microscope software, not
free but definitely worth purchasing! https://cdn-shop.adafruit.com/datasheets/MicrocaptureV2.5.zip
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/636 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com