Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 641
Description  Stainless Medium Conductive Thread - 3 ply - 18 meter/60 ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

641 Datasheet(HTML) 1 Page - Adafruit Industries

  641 Datasheet HTML 1Page - Adafruit Industries 641 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEARABLES / FLORA
Stainless Medium Conductive Thread - 3 ply
- 18 meter/60 ft
PRODUCT ID: 641
Page 1 of 2


Similar Part No. - 641

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
641 INTEL-641 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
Oscilent Corporation
641 OSCILENT-641 Datasheet
139Kb / 3P
Two-Port 180째 SAW
logo
Willow Technologies Ltd
641 WILLOW-641 Datasheet
521Kb / 2P
Fast Switching Speed Where speed is important
logo
Teledyne Technologies I...
641 TELEDYNE-641 Datasheet
521Kb / 2P
AC Solid-State Relay
logo
WERMA Signaltechnik Gmb...
641 WERMA-641 Datasheet
58Kb / 1P
Permanent light element 641
2001-11-06
More results

Similar Description - 641

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
3-phase KW & KWH Energy Meter
PME-1230 ADVANTECH-PME-1230 Datasheet
353Kb / 2P
3-phase Multifunction Power Meter
logo
Pasternack Enterprises,...
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
logo
NTE Electronics
69-ELW2.3-RD NTE-69-ELW2.3-RD Datasheet
385Kb / 1P
Standard 9.84 Ft. (3 Meter) Length with Pre?뭌ired Connector
logo
Copal Electronics
MC_SERIES COPAL-MC_SERIES Datasheet
73Kb / 2P
CONDUCTIVE PLASTIC 3 TURNS TYPE
logo
Banner Engineering Corp...
M18-4 BANNER-M18-4 Datasheet
1Mb / 10P
M18-4 Stainless Steel 18 mm Barrel Sensor
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
logo
Molex Electronics Ltd.
SD-130106-018 MOLEX-SD-130106-018 Datasheet
100Kb / 1P
STRINGLIGHT 258.75 FT. (60) 323@39 IN. CENTERS 66 FT. LEAD & 1 FT TAIL
2010/09/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com