Electronic Components Datasheet Search
  English  ▼

X  

8481 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 8481
Description  HOLE PLUGS & BUSHINGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

8481 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  8481 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
NYLON HOLE PLUGS
STEEL HOLE PLUGS
Closes unused chassis holes quickly and economically. Plugs are abrasion and
vibration resistant.
MATERIAL: Nylon 6/6, Matte Finish, Black
.125 [3.2]
.093 [2.36]
.062 [1.57]
.032 [0.81]
.062 [1.57]
C
B
CAT.
HOLE
PANEL
NO.
DIAMETER THICKNESS
B
C
8600
.250 (6.4)
.062 (1.57)
.312 (7.9)
.312 (7.9)
8601
.312 (7.9)
.062 (1.57)
.375 (9.5)
.312 (7.9)
8602
.375 (9.5)
.125 (3.2)
.468 (11.9) .406 (10.3)
8603
.500 (12.7)
.125 (3.2)
.578 (14.7) .406 (10.3)
8604
.625 (15.9)
.125 (3.2)
.734 (18.6) .406 (10.3)
8605
.750 (19.1)
.125 (3.2)
.921 (23.4) .406 (10.3)
8606
.875 (22.2)
.125 (3.2)
1.015 (25.8) .453 (11.5)
8607
1.000 (25.4)
.125 (3.2) 1.203 (30.6) .453 (11.5)
8608
1.125 (28.6)
.125 (3.2)
1.218 (30.9) .453 (11.5)
8609
1.250 (31.8)
.125 (3.2)
1.375 (34.9) .453 (11.5)
8610
1.375 (34.9)
.125 (3.2) 1.500 (38.1) .453 (11.5)
8611
1.500 (38.1)
.125 (3.2)
1.671 (42.4) .453 (11.5)
Excellent spring retention. Plugs will cover chassis holes, wiring outlets, access holes
or unused openings.
MATERIAL: Steel, Nickel Plate
A
B
C
CAT.
HOLE
PANEL
NO.
DIAMETER
THICKNESS
A
B
C
PRONGS
7600
.250 (6.4)
.031-.062 (.81-1.57)
.406 (10.3) .234 (5.9) .062 (1.57)
6
7601
.312 (7.9)
.047-.078 (1.19-1.98)
.437 (11.1) .250 (6.4). 062 (1.57)
6
7602
.375 (9.5)
.047-.062 (1.19-1.57)
.500 (12.7) .234 (5.9) .062 (1.57)
6
7603
.500 (12.7) .031-.062 (.81-1.57)
.656 (16.7) .281 (7.1) .078 (1.98)
8
7604
.625 (15.9) .062-.093 (1.57-2.36)
.812 (20.6) .296 (7.5) .078 (1.98)
8
7605
.750 (19.1) .062-.093 (1.5 -2.36)
.921 (23.4) .296 (7.5) .078 (1.98)
12
7606
.875 (22.2) .062-.093 (1.57-2.36) 1.062 (27.0) .296 (7.5) .062 (1.57)
12
7607
1.000 (25.4) .062-.156 (1.57-3.9)
1.140 (29.0) .328 (8.3) .093 (2.36)
12
7608
1.125 (28.6) .031-.125 (.79-3.2)
1.312 (33.3) .343 (8.7) .093 (2.36)
12
7609
1.250 (31.8) .062-.093 (1.57-2.36)
1.437 (36.5) .343 (8.7) .093 (2.36)
12
7610
1.375 (34.9) .031-.125 (.79-3.2)
1.562 (39.7) .406 (10.3) .078 (1.98)
12
7611
1.500 (38.1) .031-.062 (.79-1.57)
1.640 (41.7) .406 (10.3) .093 (2.36)
12
B
C
.062 [1.57]
.032 [0.81]
.062 [1.57]
.093 [2.36]
.125 [3.2]
NYLON VENT PLUGS
MATERIAL: Nylon 6/6, Matte Finish, Black
Used to cover chassis holes while allowing air flow for ventilation.
•Snaps into .032 (.81) to .125 (3.2)
thick panels.
CAT.
HOLE
NO.
DIAMETER
B
C
8612
.875 (22.2) 1.015 (25.8)
.453 (11.5)
8613
1.000 (25.4) 1.218 (30.9)
.453 (11.5)
Designed to be assembled into holes that already contain wire or cable. Versatile
bushing can be used on all chassis from .032 (.81) to .125 (3.2).
NYLON SPLIT BUSHINGS
B
A
.406
[10.3]
.062 [1.57]
.032 [0.81]
.062 [1.57]
.093 [2.36]
.125 [3.2]
MATERIAL: Nylon 6/6, Black
MATERIAL: Nylon 6/6, Black
HOLE
A
B
CAT.
SIZE
INSIDE
HEAD
NO.
REQUIRED
DIAMETER
DIAMETER
8490
.375 (9.5)
.265 (6.7)
.421 (10.7)
8491
.500 (12.7)
.312 (7.9)
.562 (14.3)
8492
.562 (14.3)
.390 (9.9)
.640 (16.3)
8493
.625 (15.9)
.453 (11.5)
.687 (17.4)
8494
.750 (19.1)
.546 (13.9)
.796 (20.2)
8495
.875 (22.2)
.671 (17.0)
.921 (23.4)
8496
1.000 (25.4)
.796 (20.2)
1.062 (27.0)
NYLON INSULATING BUSHINGS
Snaps into panel hole to provide protection for
wire, cable and tubing from sharp uneven edges.
HOLE
MAXIMUM
A
B
C
CAT.
SIZE
CHASSIS
INSIDE
HEAD
OVERALL
NO.
REQUIRED
THICKNESS
DIAMETER
DIAMETER
HEIGHT
8470
.250 (6.4)
.062 (1.57)
.125 (3.2)
.312 (7.9)
.312 (7.9)
8471
.312 (7.9)
.062 (1.57)
.187 (4.7)
.375 (9.5)
.312 (7.9)
8472
.375 (9.5)
.125 (3.2)
.250 (6.4)
.468 (11.9)
.406 (10.3)
8473
.437 (11.1)
.125 (3.2)
.312 (7.9)
.531 (13.5)
.406 (10.3)
8474
.500 (12.7)
.125 (3.2)
.375 (9.5)
.578 (14.7)
.406 (10.3)
8475
.562 (14.3)
.125 (3.2)
.437 (11.1)
.656 (16.7)
.406 (10.3)
8476
.625 (15.9)
.125 (3.2)
.500 (12.7)
.718 (18.2)
.406 (10.3)
8477
.750 (19.1)
.125 (3.2)
.562 (14.3)
.843 (21.4)
.406 (10.3)
8478
.875 (22.2)
.125 (3.2)
.625 (15.9)
.953 (24.2)
.453 (11.5)
8479
1.000 (25.4)
.125 (3.2)
.750 (19.1)
1.125 (28.6)
.453 (11.5)
8480
1.187 (30.1)
.125 (3.2)
.937 (23.8)
1.312 (33.3)
.453 (11.5)
8481
1.250 (31.8)
.125 (3.2)
.937 (23.8)
1.359 (34.5)
.453 (11.5)
8482
1.375 (34.9)
.125 (3.2)
1.000 (25.4)
1.468 (37.3)
.453 (11.5)
8483
1.500 (38.1)
.125 (3.2)
1.062 (27.0)
1.609 (40.9)
.453 (11.5)
8484
1.750 (44.5)
.125 (3.2)
1.375 (34.9)
1.875 (47.6)
.453 (11.5)
8485
2.000 (50.8)
.125 (3.2)
1.625 (41.3)
2.125 (54.0)
.453 (11.5)
8486
2.500 (63.5)
.250 (6.4)
1.968 (50.0)
2.656 (67.5)
.718 (18.2)
.125 [3.2]
.093 [2.36]
.062 [1.57]
.032 [0.81]
.062 [1.57]
C
A
B
M60Section8FREV1B1_11-2011 4/4/13 5:45PM Page128


Similar Part No. - 8481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
Input/Output Modules
logo
Filtran LTD
8481 FILTRAN-8481 Datasheet
154Kb / 1P
ISDN S-Bus Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC2-8481 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Heyco.
8481 HEYCO-8481 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
logo
Keystone Electronics Co...
8481 KEYSTONE-8481 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
More results

Similar Description - 8481

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
List of Unclassifed Man...
8478 ETC2-8478 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
Hole Plugs
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
SNAP BUSHINGS CLOSED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com