Electronic Components Datasheet Search
  English  ▼

X  

0800076 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0800076
Description  WML 12 (25X19)R - Wire-wrap label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800076 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0800076 Datasheet HTML 1Page - PHOENIX CONTACT 0800076 Datasheet HTML 2Page - PHOENIX CONTACT 0800076 Datasheet HTML 3Page - PHOENIX CONTACT 0800076 Datasheet HTML 4Page - PHOENIX CONTACT 0800076 Datasheet HTML 5Page - PHOENIX CONTACT 0800076 Datasheet HTML 6Page - PHOENIX CONTACT 0800076 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
1000
Number of individual labels per row
2
Identification technology
Thermal transfer for rolls
Dimensions
Width
25.4 mm
Height
19.05 mm
Depth
0.1 mm
External dimensions
Outside diameter
5 mm ... 12 mm
Text field
Text field width
25.4 mm
Text field height
19.1 mm
Material specifications
Foil strength
80 µm
Adhesive strength
21 µm
Adhesive
Acrylic
Color
white (RAL 9010)
Base element material
PVC
Components
Silicone-free
Cable/line
≤ 12.10 mm
External cable diameter
6.1 mm ... 12.1 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
WML 12 (25X19)R - Wire-wrap label
0800076
https://www.phoenixcontact.com/us/products/0800076
Aug 18, 2025, 8:10AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com