Electronic Components Datasheet Search
  English  ▼

X  

0800295 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800295
Description  WMS 19,1 (EX30)R - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800295 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800295 Datasheet HTML 1Page - PHOENIX CONTACT 0800295 Datasheet HTML 2Page - PHOENIX CONTACT 0800295 Datasheet HTML 3Page - PHOENIX CONTACT 0800295 Datasheet HTML 4Page - PHOENIX CONTACT 0800295 Datasheet HTML 5Page - PHOENIX CONTACT 0800295 Datasheet HTML 6Page - PHOENIX CONTACT 0800295 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 6.4
... 19.1 mm, unperforated, mounting type: slide-on, Number of individual labels: 1, roll length: 20
m, text field height: 30 mm, text field width: 20000 mm
Product description
The continuous shrink sleeves in the WMS... product family can be assembled to create individual marker lengths using the THERMOMARK E.
CUTTER or E.CUTTER/P. After the printing, assembly, and applying process, you have the option of shrinking the marked shrink sleeves by
applying heat manually and thus fixing them on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
High flexibility, as individual marker lengths ranging from 3.45 mm ... 2000 mm (0.14" ... 78.7") can be realized in combination with the cutter and
perforation cutter
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 3:1
•
Widely used and proven worldwide in control cabinet and machine building, the oil and gas industry, and the railway industry
•
Commercial data
Item number
0800295
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4046356625852
Weight per piece (including packing)
674.2 g
Weight per piece (excluding packing)
549 g
Customs tariff number
39173200
Country of origin
CN
WMS 19,1 (EX30)R - Shrink sleeve
0800295
https://www.phoenixcontact.com/us/products/0800295
Aug 18, 2025, 7:55AM
Page 1 (7)


Similar Part No. - 0800295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800295 PHOENIX-0800295 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0800295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803436 PHOENIX-0803436 Datasheet
42Kb / 2P
Plastic label - EMLP (EX30)R RD
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
1855107 PHOENIX-1855107 Datasheet
58Kb / 3P
Sleeve housing - VC-K-T2-R-M25
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
1014309 PHOENIX-1014309 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R
1014310 PHOENIX-1014310 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R SR
1014311 PHOENIX-1014311 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R YE
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com