Electronic Components Datasheet Search
  English  ▼

X  

1119021 Datasheet(PDF) 1 Page - Lapp.

Part # 1119021
Description  ÖLFLEX® CLASSIC 110
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1119021 Datasheet(HTML) 1 Page - Lapp.

  1119021 Datasheet HTML 1Page - Lapp. 1119021 Datasheet HTML 2Page - Lapp. 1119021 Datasheet HTML 3Page - Lapp. 1119021 Datasheet HTML 4Page - Lapp. 1119021 Datasheet HTML 5Page - Lapp. 1119021 Datasheet HTML 6Page - Lapp. 1119021 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 110
VDE-registered oil-resistant PVC control cable for a wide range of applications
ÖLFLEX® CLASSIC 110 - PVC control cable, VDE registered, oil resistant and flexible for various applications, 300/500V, also
for YSLY or YY
Info
CPR: Article number choice under www.lappkabel.com/cpr
VDE certificate of conformity with
factory surveillance
Torsion-resistant
Power chain
Oil-resistant
Good chemical resistance
Benefits
Wide choice of standardized lengths and individual cuts
Very broad range, items with up to 100 conductors
Application range
For fixed installation as well as occasional flexing at free, non-continuously recurring movement without tensile load
Dry or damp rooms that are subject to medium mechanical loads
Suitable for torsional applications which are typical for the loop in wind turbine generators (WTG)
In power chains for a travelling distance up to 5 m and 0,2 ... 1 million bending cycles, for following dimensions: 0,5 to 2.5mm²
and 2 to 7 conductors
Last Update (28.03.2019)
1 / 7
©2019 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 1119021

ManufacturerPart #DatasheetDescription
logo
Lapp.
11190200 LAPP-11190200 Datasheet
96Kb / 1P
EPIC® H-BE 2.5 CONTACTS MACHINED
16.11.2018
More results

Similar Description - 1119021

ManufacturerPart #DatasheetDescription
logo
Lapp.
0019700 LAPP-0019700 Datasheet
69Kb / 1P
OLFLEX® CLASSIC 110 ORANGE
01.01.2019
1119809 LAPP-1119809 Datasheet
192Kb / 2P
GLFLEX® CLASSIC 110 [black]
10.11.2020
1120730 LAPP-1120730 Datasheet
70Kb / 1P
OLFLEX® CLASSIC 110 LT
01.01.2019
1121200 LAPP-1121200 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 110 CY BLACK 0,6/ 1kV
01.01.2019
1125752 LAPP-1125752 Datasheet
174Kb / 1P
OLFLEX® CLASSIC 110 SY
08.03.2023
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB611803 LAPP-UDB611803 Datasheet
110Kb / 2P
ÖLFLEX® POWER MULTI
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com