Electronic Components Datasheet Search
  English  ▼

X  

0036445 Datasheet(PDF) 2 Page - Lapp.

Part # 0036445
Description  ÖLFLEX® SERVO 2YSLCY-JB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0036445 Datasheet(HTML) 2 Page - Lapp.

  0036445 Datasheet HTML 1Page - Lapp. 0036445 Datasheet HTML 2Page - Lapp. 0036445 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
U.I. Lapp
GmbH
DATA SHEET
ÖLFLEX® SERVO 2YSLCY-JB
DB 0036425
valid from: 21.10.2015
Originator: CHIL / PDC
approved: HAPF / PDC
Document:
DB0036425EN
page 2 of 3
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10EN
Electrical properties
Nominal voltage
U0/U
600 / 1000 V
Test voltage
Core/Core, Core/Screen
4000 V AC
Specific insulation resistance
> 20 G Ω x cm
Surface transfer impedance
at 30 MHz
≤
250 Ω / km
Mechanical and thermal properties
Min. bending radius
occasional flexing:
15 x outer diameter
fixed installation:
4 x outer diameter
Temperature range
Type “a”, 2YSLCY:
occasional flexing
-5 °C up to +70 °C max. conductor temperature
fixed installation
-40 °C up to +70 °C max. conductor temperature
Type “b”, 2YSLCYK:
gelegentlich bewegt
-15 °C bis +70 °C max. conductor temperature
fest verlegt
-40 °C bis +70 °C max. conductor temperature
Type “c”, 2YSLCY-JB BK:
occasional flexing:
-5 °C up to +70 °C max. conductor temperature
fixed installation
-40 °C up to +70 °C max. conductor temperature
Flammability
flame retardant acc. to IEC 60332-1-2 resp. VDE 0482-332-1-2
UV-resistance
Type „b“ and „c“
EN 50525-1 resp. VDE 0285-525-1,
cables with black sheath are suitable for a permanent
outdoor use,
acc. to EN 4892-2-2006, method A (change of colour allowed)
Tests
acc. to IEC 60811 resp. VDE 0473, VDE 0472, EN 50395, EN50396
EU-Directives
This cable is conform to the EU-Directives 2014/35/EU (Low Voltage Directive)
and 2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com