Electronic Components Datasheet Search
  English  ▼

X  

2114T Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2114T
Description  Crimp Housings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2114T Datasheet(HTML) 1 Page - Multicomp Pro

  2114T Datasheet HTML 1Page - Multicomp Pro 2114T Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
12/08/20
Crimp Housings
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
3.96 mm Crimp Housing
Specifications
Current Rating
: 7A AC / DC
Voltage Rating
: 250V AC / DC
Max. Contact Resistance
: 10mΩ
Min. Insulation Resistance
: 1,000 MΩ
Withstanding Voltage
: 1,500V AC / minute
Operating Temperature Range : -40°C to +105°C
Application Wires
: 18 to 22 AWG
Material and Finish
Insulator
: Nylon 66
Insulator Colour
: White
Contact
: Brass
Finish
: Tin plated
Specifications
Current Rating
: 7A AC / DC
Voltage Rating
: 250V AC / DC
Max. Contact Resistance
: 20 mΩ
Min. Insulation Resistance
: 1,000 MΩ
Withstanding Voltage
: 1,500 V AC / minute
Temperature Range
: -25°C to +125°C
Application Wires
: 18 to 22 AWG
Material
Contact
: Phosphor bronze or brass
Tin Plated
: 80 to 120μ inches tin over 20 to 40μ inches nickel
Diagram
Dimensions : Millimetres
Accessories - Crimp Pin


Similar Part No. - 2114T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
Crimp Housings
More results

Similar Description - 2114T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48236-000 ETC1-48236-000 Datasheet
379Kb / 3P
Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Weidmuller
0206160000 WEIDMULLER-0206160000 Datasheet
744Kb / 20P
Component Carriers and Housings
0266160000 WEIDMULLER-0266160000 Datasheet
733Kb / 20P
Component Carriers and Housings
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
FCI connector
863005A FCI-CONNECTOR-863005A Datasheet
68Kb / 1P
MALE SCREW FOR HOUSINGS
logo
List of Unclassifed Man...
2114T ETC1-2114T Datasheet
174Kb / 3P
Crimp Housings
OPI1270-018 ETC2-OPI1270-018 Datasheet
104Kb / 2P
Opaque plastic housings
logo
SICK AG
BEF-SG-W16 SICK-BEF-SG-W16 Datasheet
367Kb / 4P
Protective housings
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com