Electronic Components Datasheet Search
  English  ▼

X  

026 Datasheet(PDF) 1 Page - Pro-Power

Part # 026
Description  Switchgear Wire Type BU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

026 Datasheet(HTML) 1 Page - Pro-Power

  026 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
24/01/13
Switchgear Wire Type BU
Description
1mm² (1/1.13mm) Plain Copper, PVC Insulated, 600 / 1,000V,
BS 6231 : 1998, Table 6, Type BU
Conductor
1mm² (1 / 1.13mm) plain annealed copper wire meeting the requirements
of BS 6360, class 1
Max. conductor resistance at 20°C : 18.1Ω / km
Insulation
Type TI 1 PVC compound meeting the requirements of BS EN 50363
Min. insulation resistance at 70°C : 0.0142MΩ.km
Min. average wall thickness
: 0.8mm
Max. overall diameter
: 3.2mm
Printed
: “CONCORDIA ENGLAND”
Service Data
For the wiring of switch, control, metering, relay and instrument panels of
power switchgear, and for internal connections in rectifier equipment and motor
starters and controllers
Rated voltages (Uo/U)
: 600 / 100V
Max. conductor operating temp.
: +70°C
Min. ambient temp. once installed : -20°C
Mass per unit length
: 16.4kg
Part Number
: Varies with colour and packing
Note:
The requirements for Types BU and BR have been withdrawn from the latest
issue of BS 6231 as they are no longer considered market relevant.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Wire, BU, BS6231, Black, 1mm, 100M
025
Wire, BU, BS6231, Blue, 1mm, 100M
026
Wire, BU, BS6231, Red, 1mm, 100M
027
Wire, BU, BS6231, GRN/YEL, 1mm, 100M
028


Similar Part No. - 026

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026 CTS-026 Datasheet
822Kb / 4P
Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Pro-Power
026 PROPOWER-026 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
logo
Keysight Technologies
026 KEYSIGHT-026 Datasheet
757Kb / 10P
AC Power Source/Analyzers, 375-1750 VA An integrated AC power solution
October 2, 2017
logo
Multicomp Pro
026-0208 MULTICOMP-026-0208 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
026-0209 MULTICOMP-026-0209 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
More results

Similar Description - 026

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
Switchgear Adaptors
logo
List of Unclassifed Man...
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
logo
Cooper Bussmann, Inc.
BSPD200480D2K COOPER-BSPD200480D2K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
Power supplies, process control, switchgear and controlgear
logo
PHOENIX CONTACT
2853996 PHOENIX-2853996 Datasheet
84Kb / 3P
Universal DIN rail adapter, for screwing on switchgear
2854018 PHOENIX-2854018 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2942865 PHOENIX-2942865 Datasheet
111Kb / 3P
Mounting plate for screwing on switchgear, low-profile version
2706412 PHOENIX-2706412 Datasheet
49Kb / 2P
Universal DIN rail adapter for screwing on switchgear
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
ZIEHL industrie-elektro...
V223313 ZIEHL-V223313 Datasheet
492Kb / 2P
Level Monitor Type NS43V Switchgear-mount Housing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com