Electronic Components Datasheet Search
  English  ▼

X  

LMH0318RTWT Datasheet(PDF) 36 Page - Texas Instruments

Part # LMH0318RTWT
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318RTWT Datasheet(HTML) 36 Page - Texas Instruments

Back Button LMH0318RTWT Datasheet HTML 32Page - Texas Instruments LMH0318RTWT Datasheet HTML 33Page - Texas Instruments LMH0318RTWT Datasheet HTML 34Page - Texas Instruments LMH0318RTWT Datasheet HTML 35Page - Texas Instruments LMH0318RTWT Datasheet HTML 36Page - Texas Instruments LMH0318RTWT Datasheet HTML 37Page - Texas Instruments LMH0318RTWT Datasheet HTML 38Page - Texas Instruments LMH0318RTWT Datasheet HTML 39Page - Texas Instruments LMH0318RTWT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
LMH0318
SNLS508 – SEPTEMBER 2015
www.ti.com
Table 7. CDR Registers (continued)
REGISTER
FIELD REGISTER
BITS
DEFAULT
R/RW
DESCRIPTION
NAME
ADDRESS
Full Temperature
Reg 0x16 Channel
0x7A
Temperature Range Setting
Range
7
INIT_CDR_SM_27
0
RW
6
INIT_CDR_SM_26
1
RW
5
INIT_CDR_SM_25
1
RW
4
INIT_CDR_SM_24
1
RW
At power-up, this register needs to be set
to 0x25. See initialization set up
3
INIT_CDR_SM_23
1
RW
2
INIT_CDR_SM_22
0
RW
1
INIT_CDR_SM_21
1
RW
0
INIT_CDR_SM_20
0
RW
HEO_VEO_OV
Reg 0x23 Channel
0x40
1: Enable reg 0x24[1] to acquire HEO/VEO
7
eom_get_heo_veo_ov
0
RW
0: Disable reg 0x24[1] to acquire HEO/VEO
6
Reserved
1
RW
5
Reserved
0
RW
4
Reserved
0
RW
3
Reserved
0
RW
2
Reserved
0
RW
1
Reserved
0
RW
0
Reserved
0
RW
EOM_CNTL
Reg 0x24 Channel
0x00
0x00
Eye Opening Monitor Control Register
1: Enable Fast EOM mode
7
fast_eom
0
R
0: Disable fast EOM mode
6
Reserved
0
R
1: No zero crossing in the eye diagram
observed
5
get_heo_veo_error_no_hits
0
R
0: Zero crossing in the eye diagram
detected
get_heo_veo_error_no_ope
1: Eye diagram is completely closed
4
0
R
ning
0: Open eye diagram detected
3
Reserved
0
R
2
Reserved
0
R
1: Acquire HEO & VEO(self-clearing)
1
eom_get_heo_veo
0
RW
0: Normal operation
1: Starts EOM counter(self-clearing)
0
eom_start
0
R
0: Normal operation
EOM_MSB
Reg 0x25 Channel
0x00
Eye opening monitor hits(MSB)
7
eom_count[15]
0
RW
6
eom_count[14]
0
RW
5
eom_count[13]
0
RW
4
eom_count[12]
0
RW
MSBs of EOM counter
3
eom_count[11]
0
RW
2
eom_count[10]
0
RW
1
eom_count[9]
0
RW
0
eom_count[8]
0
RW
36
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com