Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC083000
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC083000 Datasheet(HTML) 1 Page - Texas Instruments

  ADC083000 Datasheet HTML 1Page - Texas Instruments ADC083000 Datasheet HTML 2Page - Texas Instruments ADC083000 Datasheet HTML 3Page - Texas Instruments ADC083000 Datasheet HTML 4Page - Texas Instruments ADC083000 Datasheet HTML 5Page - Texas Instruments ADC083000 Datasheet HTML 6Page - Texas Instruments ADC083000 Datasheet HTML 7Page - Texas Instruments ADC083000 Datasheet HTML 8Page - Texas Instruments ADC083000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
50
100
150
200
250
300
0
10
20
30
40
50
60
5
10
15
20
25
30
35
FILTER INPUT RESISTANCE ( )
f = 200MHz
VOUT = 2VPPD
@ filter input
SVA-30206581
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
High Performance Quad DVGA
Check for Samples: LMH6523
Each channel of LMH6523 has an independent,
1
FEATURES
digitally controlled attenuator and a high linearity,
2
•
OIP3: 49dBm at 200MHz
differential output, amplifier. All circuitry has been
•
Noise Figure: 8.5dB
optimized for low distortion and maximum system
design flexibility. Power consumption is managed by
•
Voltage Gain: 26dB
a three-state enable pin. Individual channels can be
•
1dB Gain Steps
disabled or placed into a Low Power Mode or a
•
Enable Pins Active in SPI Mode
higher performance, High Power Mode. The enable
pin is active in both serial and parallel modes for
•
−3dB Bandwidth of 1400 MHz
systems that require high speed power control.
•
Gain Step Accuracy: 0.2 dB
The LMH6523 digitally controlled attenuator provides
•
Disable Function for Each Channel
precise 1dB gain steps over a 31dB range. The digital
•
Parallel and Serial Gain Control
attenuator can be controlled by either a SPI™ Serial
•
Low Power Mode for Power Management
bus or a high speed parallel bus.
Flexibility
The output amplifier has a differential output, allowing
•
Small Footprint WQFN Package
large signal swings on a single 5V supply. The low
impedance output provides maximum flexibility when
APPLICATIONS
driving a wide range filter designs or analog to digital
converters. For applications which have very large
•
Cellular Base Stations
changes in signal level LMH6523 can support up to
•
Wideband and Narrowband IF Sampling
62dB of gain range by cascading channels.
Receivers
The
LMH6523
operates
over
the
industrial
•
Wideband Direct Conversion
temperature range of
−40°C to 85°C. The LMH6523
•
ADC Driver
is available in a 54-Pin, thermally enhanced, WQFN
package.
DESCRIPTION
PERFORMANCE CURVE
The LMH6523 contains four, high performance,
digitally controlled variable gain amplifiers (DVGA). It
has been designed for use in narrowband and
broadband IF sampling applications. Typically, the
LMH6523 drives a high performance ADC in a broad
range of mixed signal and digital communication
applications such as mobile radio and cellular base
stations where automatic gain control (AGC) is
required to increase system dynamic range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC083000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC083000 TI-ADC083000 Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - ADC083000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
logo
Texas Instruments
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
LMH6521 High Performance Dual DVGA
LMH6522 TI1-LMH6522 Datasheet
682Kb / 30P
High Performance Quad DVGA
LMH6523 TI-LMH6523 Datasheet
1Mb / 31P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_14 Datasheet
1Mb / 28P
High Performance Dual DVGA
LMH6521 TI-LMH6521_15 Datasheet
1Mb / 29P
High Performance Dual DVGA
LMH6522 TI-LMH6522_15 Datasheet
1Mb / 34P
High Performance Quad DVGA
LMH6523 TI-LMH6523_15 Datasheet
1Mb / 33P
High Performance Quad DVGA
LMH6521 TI1-LMH6521_16 Datasheet
1Mb / 29P
High Performance Dual DVGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com