Electronic Components Datasheet Search
  English  ▼

X  

ADC08060 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC08060
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments ADC08060 Datasheet HTML 18Page - Texas Instruments ADC08060 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
26dB
OUTB+
OUTB-
+5V
INB+
INB-
26dB
INC+
INC-
OUTC+
OUTC-
Attenuator
0dB to 31dB
Attenuator
0dB to 31dB
ATTEN_A
EN_A
SPI
ATTEN_D
EN_D
5
Digital
Control,
(Serial
or
Parallel)
4
5
GND
26dB
OUTA+
OUTA-
INA+
INA-
Attenuator
0dB to 31dB
26dB
OUTD+
OUTD-
IND+
IND-
Attenuator
0dB to 31dB
ATTEN_B
EN_B
ATTEN_C
EN_C
5
5
MODE
SVA-30206532
GAIN 0-4
100:
ADC
5
RF
LO
¼ LMH6523
VCC
0.01 F
0.01 F
0.01 F
0.01 F
40.2O
40.2O
1 H
1 H
ENABLE
100O
FILTER
100O
FILTER
100O
SVA-30206534
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
APPLICATION INFORMATION
INTRODUCTION
The LMH6523 is a fully differential amplifier optimized for signal path applications up to 400 MHz. The LMH6523
has a 100
Ω input and a low impedance output. The gain is digitally controlled over a 31 dB range from +26dB to
−5dB. The LMH6523 is optimized for accurate gain steps and minimal phase shift combined with low distortion
products. This makes the LMH6523 ideal for voltage amplification and an ideal analog to digital converter (ADC)
driver where high linearity is necessary.
Figure 42. LMH6523 Typical Application
Figure 43. LMH6523 Block Diagram
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com