Electronic Components Datasheet Search
  English  ▼

X  

LM3876 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876
Description  Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3876 Datasheet HTML 1Page - National Semiconductor (TI) LM3876 Datasheet HTML 2Page - National Semiconductor (TI) LM3876 Datasheet HTML 3Page - National Semiconductor (TI) LM3876 Datasheet HTML 4Page - National Semiconductor (TI) LM3876 Datasheet HTML 5Page - National Semiconductor (TI) LM3876 Datasheet HTML 6Page - National Semiconductor (TI) LM3876 Datasheet HTML 7Page - National Semiconductor (TI) LM3876 Datasheet HTML 8Page - National Semiconductor (TI) LM3876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3876 Overture™
Audio Power Amplifier Series
High-Performance 56W Audio Power Amplifier w/Mute
General Description
The LM3876 is a high-performance audio power amplifier
capable of delivering 56W of continuous average power to
an 8
Ω load with 0.1% THD+N from 20Hz–20kHz.
The performance of the LM3876, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe™) protection cir-
cuitry, puts it in a class above discrete and hybrid amplifiers
by providing an inherently, dynamically protected Safe Op-
erating Area (SOA). SPiKe protection means that these
parts are completely safeguarded at the output against ov-
ervoltage, undervoltage, overloads, including shorts to the
supplies, thermal runaway, and instantaneous temperature
peaks.
The LM3876 maintains an excellent signal-to-noise ratio of
greater than 95dB (min) with a typical low noise floor of
2.0µV. It exhibits extremely low THD+N values of 0.06% at
the rated output into the rated load over the audio spectrum,
and provides excellent linearity with an IMD (SMPTE) typical
rating of 0.004%.
Features
n
56W continuous average output power into 8
Ω
n
100W instantaneous peak output power capability
n
Signal-to-Noise Ratio
≥ 95 dB(min)
n
An input mute function
n
Output protection from a short to ground or to the
supplies via internal current limiting circuitry
n
Output over-voltage protection against transients from
inductive loads
n
Supply under-voltage protection, not allowing internal
biasing to occur when |V
EE|+|VCC|
≤ 12V, thus
eliminating turn-on and turn-off transients
n
11-lead TO-220 package
n
Wide supply range 20V - 94V
Applications
n
Component stereo
n
Compact stereo
n
Self-powered speakers
n
Surround-sound amplifiers
n
High-end stereo TVs
Typical Application
Overture™ and SPiKe™ Protection are trademarks of National Semiconductor Corporation.
01183201
*Optional components dependent upon specific design requirements. Refer to the External Components Description section for a component functional
description.
FIGURE 1. Typical Audio Amplifier Application Circuit
August 2000
© 2004 National Semiconductor Corporation
DS011832
www.national.com


Similar Part No. - LM3876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876T NSC-LM3876T Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876T/NOPB TI1-LM3876T/NOPB Datasheet
937Kb / 29P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876TF NSC-LM3876TF Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results

Similar Description - LM3876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886T TI1-LM3886T Datasheet
1Mb / 31P
High-Performance 68W Audio Power Amplifier w/Mute
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com