Electronic Components Datasheet Search
  English  ▼

X  

1968 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1968
Description  Unassembled Mini Pan-Tilt Kit (Without Micro Servos)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1968 Datasheet(HTML) 2 Page - Adafruit Industries

  1968 Datasheet HTML 1Page - Adafruit Industries 1968 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This unssembled pan-tilt kit is the perfect way to give your project customized full
range motion! The pan-tilt can rotate roughly 180° from side-to-side and can tilt
downwards roughly 150° (it may be less depending on the servos you use, of
course).  This version comes in kit form without any servos, unlike our
fully assembled version (http://adafruit.com/products/1967) so if you have a
bunch of servos already, or want to customize with one of our many micro servo
options such as feedback-type (https://www.adafruit.com/search?q=servo), this is
probably the better option for you. (The metal-gear 9g micro servos won't fit!)
Since the motors are plain, every-day analog servos, you can use any
microcontroller or driver. They're good for beginners who want to make stuff move
and the pan-tilt is an easy way to give whatever you're making both left-right and
up-down motion. In our demo, we hooked this up with a Trinket Pro
(https://www.adafruit.com/product/2000) and made it do a little dance with the
Arduino Servo library (http://arduino.cc/en/reference/servo)
Page 2 of 2
2/23/2015
http://www.adafruit.com/products/1968



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com