Electronic Components Datasheet Search
  English  ▼

X  

2163 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2163
Description  Atten 50-Watt Soldering Iron - SA-50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2163 Datasheet(HTML) 2 Page - Adafruit Industries

  2163 Datasheet HTML 1Page - Adafruit Industries 2163 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Comes with:
o
1x Soldering Iron 
o
1x Soldering Iron Holder 
o
1x Manual 
Comes with a fairly generic soldering tip, you can swap the tip for any 'Hakko
compatible' tip
Note: Shipping weight reflects UPS' new dimensional weight regulations.
Technical Details
o
Power consumption: 50W 
o
Input voltage: AC (100V‐120V) 60Hz  
o
Temperature Range: 200°C~500°C (392°F~932°F) 
o
Temperature stability (still air, no load): ±2°C 
o
Temperature accuracy: ±10°C 
o
Tip to ground impedance: <2Ω 
o
Tip to ground potential: <2mV 
o
Heater: Quad‐wire ceramic heating element 
o
Hand piece length: ~245mm / ~9.6" 
o
Weight (just the iron): ~95g 
For product support, replacement parts and warranty for ATTEN products visit the
ATTEN support page or contact ATTEN directly.
                                                              Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com