Electronic Components Datasheet Search
  English  ▼

X  

TMS28F002AFB Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS28F002AFB
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AFB Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS28F002AFB Datasheet HTML 49Page - Texas Instruments TMS28F002AFB Datasheet HTML 50Page - Texas Instruments TMS28F002AFB Datasheet HTML 51Page - Texas Instruments TMS28F002AFB Datasheet HTML 52Page - Texas Instruments TMS28F002AFB Datasheet HTML 53Page - Texas Instruments TMS28F002AFB Datasheet HTML 54Page - Texas Instruments TMS28F002AFB Datasheet HTML 55Page - Texas Instruments TMS28F002AFB Datasheet HTML 56Page - Texas Instruments TMS28F002AFB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
power-up and reset switching characteristics for TMS28F002AFy and TMS28F200AFy over
recommended ranges of supply voltage (commercial and extended temperature ranges)
(see Notes 11, 12, and 13) (see Table 9 and Figure 7)
ALT
’28F002AFy 60
’28F200AFy 60
’28F002AFy 70
’28F200AFy 70
’28F002AFy 80
’28F200AFy 80
PARAMETER
ALT.
SYMBOL
5 V VCC
RANGE
5 V VCC
RANGE
5 V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN
(to VCC at 3 V MIN or 3.6 V MAX) (see Note 14)
tPL5V
tPL3V
0
0
0
ns
ta(DV)
Access time from address valid to data valid for
VCC = 5 V ± 10%
tAVQV
60
70
80
ns
tsu(DV)
Setup time, RP high to data valid for
VCC = 5 V ± 10%
tPHQV
450
450
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.
power-up and reset switching characteristics for TMS28F002AFy and TMS28F200AFy over
recommended ranges of supply voltage (automotive temperature range) (see Notes 11, 12, 13)
ALT
’28F002AFy70
’28F200AFy70
’28F002AFy80
’28F200AFy80
’28F002AFy90
’28F200AFy90
PARAMETER
ALT.
SYMBOL
5 V VCC
RANGE
5 V VCC
RANGE
5 V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tsu(VCC)
Setup time, RP low to VCC at 4.5 V MIN
(to VCC at 3 V MIN or 3.6 V MAX) (see Note 14)
tPL5V
tPL3V
0
0
0
ns
ta(DV)
Access time from address valid to data valid for
VCC = 5 V ± 10%
tAVQV
70
80
90
ns
tsu(DV)
Setup time, RP high to data valid for
VCC = 5 V ± 10%
tPHQV
450
450
450
ns
th(RP5)
Hold time, VCC at 4.5 V (MIN) to RP high
t5VPH
2
2
2
µs
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.
13. E and G are switched low after power up.
14. The power supply can switch low concurrently with RP going low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com