Electronic Components Datasheet Search
  English  ▼

X  

TMS28F002AFT Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS28F002AFT
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AFT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS28F002AFT Datasheet HTML 18Page - Texas Instruments TMS28F002AFT Datasheet HTML 19Page - Texas Instruments TMS28F002AFT Datasheet HTML 20Page - Texas Instruments TMS28F002AFT Datasheet HTML 21Page - Texas Instruments TMS28F002AFT Datasheet HTML 22Page - Texas Instruments TMS28F002AFT Datasheet HTML 23Page - Texas Instruments TMS28F002AFT Datasheet HTML 24Page - Texas Instruments TMS28F002AFT Datasheet HTML 25Page - Texas Instruments TMS28F002AFT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TMS28F002ASy and TMS28F200ASy
The TMS28F002ASy and the TMS28F200ASy configurations have the auto-select feature that allows
alternative read and program / erase voltages. Memory reads can be performed using VCC = 3.3 V for optimum
power consumption or at VCC = 5 V, for device performance. Erasing or programming the device can be
accomplished with 5-V VPP, which eliminates having to use a 12-V source and/or in-system voltage converters.
Alternatively, 12-V VPP operation exists for systems that already have a 12-V power supply, which provides
faster programming and erasing times. These configurations are offered in two different temperature ranges:
0
°C to 70°C and – 40°C to 85°C.
recommended operating conditions for TMS28F002ASy and TMS28F200ASy
MIN
NOM
MAX
UNIT
VCC
Supply voltage
During write/read/erase/erase suspend
3.3-V VCC range
3
3.3
3.6
V
VCC
Supply voltage
During write/read/erase/erase suspend
5-V VCC range
4.5
5
5.5
V
During read only ( VPPL )
VPPL
0
6.5
VPP
Supply voltage
During write/erase/erase suspend
5-V VPP range
4.5
5
5.5
V
During write/erase/erase suspend
12-V VPP range
11.4
12
12.6
33 V VCC range
TTL
2
VCC + 0.5
VIH
High-level dc
3.3-V VCC range
CMOS
VCC – 0.2
VCC + 0.2
V
VIH
g
input voltage
5V VCC range
TTL
2
VCC + 0.3
V
5-V VCC range
CMOS
VCC – 0.2
VCC + 0.2
33 V VCC range
TTL
– 0.5
0.8
VIL
Low-level dc input
3.3-V VCC range
CMOS
VSS – 0.2
VSS + 0.2
V
VIL
voltage
5V VCC range
TTL
– 0.3
0.8
V
5-V VCC range
CMOS
VSS – 0.2
VSS + 0.2
VLKO
VCC lock-out voltage from write/erase (see Note 7)
2
V
VHH
RP unlock voltage
11.4
12
13
V
VPPLK VPP lock-out voltage from write/erase
0
1.5
V
TA
Operating free air temperature during read/erase/program
L suffix
0
70
°C
TA
Operating free-air temperature during read/erase/program
E suffix
– 40
85
°C
NOTE 7: Minimum value at TA = 25°C.
word/byte typical write and block-erase performance for TMS28F002ASy and TMS28F200ASy
(see Notes 8 and 9)
5-V VPP RANGE
12-V VPP RANGE
PARAMETER
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Main block erase time
2.4
1.9
1.3
1.1
14
Main block byte-program time
1.7
1.4
1.6
1.2
4.2
Main block word-program time
1.1
0.9
0.8
0.6
2.1
Parameter/ boot-block erase time
0.84
0.8
0.44
0.34
7
NOTES:
8. Typical values shown are at TA = 25°C and nominal conditions
9. Excludes system-level overhead (all times in seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com